Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CSC Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CSC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CSC Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CSC Datasheet HTML 33Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 34Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 35Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 36Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 37Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 38Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 39Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 40Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 134 page
background image
Chapter 5 Resets, Interrupts, and General System Control
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
37
and ACMP are still available to wake the CPU from wait or stop mode. It is the responsibility of the user
application to poll the corresponding module to determine the source of wakeup.
Each wakeup source of the module is associated with a corresponding interrupt enable bit. If the bit is
disabled, the interrupt source is gated, and that particular source cannot wake the CPU from wait or stop
mode. However, the corresponding interrupt flag will still be set to indicate that an external wakeup event
has occurred.
The system interrupt pending register (SIP1) indicates the status of the system pending interrupt. When
the read-only bit of the SIP1 is enabled, it shows there is a pending interrupt to be serviced from the
indicated module. Writing to the register bit has no effect. The pending interrupt flag will be cleared
automatically when the all corresponding interrupt flags from the indicated module are cleared.
5.6
Low-Voltage Detect (LVD) System
The SC9RS08KA2 Series includes a system to protect against low voltage conditions in order to protect
memory contents and control MCU system states during supply voltage variations. The system is
comprised of a power-on reset (POR) circuit and an LVD circuit with a predefined trip voltage. The LVD
circuit is enabled with LVDE in SPMSC1. The LVD is disabled upon entering stop mode unless LVDSE
is set in SPMSC1. If LVDSE and LVDE are both set, the current consumption in stop with the LVD enabled
will be greater.
5.6.1
Power-On Reset Operation
When power is initially applied to the MCU, or when the supply voltage drops below the VPOR level, the
POR circuit will cause a reset condition. As the supply voltage rises, the LVD circuit will hold the MCU
in reset until the supply has risen above the VLVD level. Both the POR bit and the LVD bit in SRS are set
following a POR.
5.6.2
LVD Reset Operation
The LVD can be configured to generate a reset upon detection of a low voltage condition by setting
LVDRE to 1. After an LVD reset has occurred, the LVD system will hold the MCU in reset until the supply
voltage has risen above the level VLVD. The LVD bit in the SRS register is set following either an LVD
reset or POR.
5.6.3
LVD Interrupt Operation
When a low voltage condition is detected and the LVD circuit is configured using SPMSC1 for interrupt
operation (LVDE set, LVDIE set, and LVDRE clear), LVDF in SPMSC1 will be set and an LVD interrupt
request will occur.
5.7
Real-Time Interrupt (RTI)
The real-time interrupt function can be used to generate periodic interrupts. The RTI is driven from either
the 1-kHz internal clock reference or the trimmed 32-kHz internal clock reference from the ICS module.
The 32-kHz internal clock reference is divided by 32 by the RTI logic to produce a trimmed 1-kHz clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com