Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CSC Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CSC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CSC Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CSC Datasheet HTML 87Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 88Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 89Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 90Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 91Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 92Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 93Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 94Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 134 page
background image
Modulo Timer (RS08MTIMV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
91
11.1.3
Block Diagram
The block diagram for the modulo timer module is shown Figure 11-2.
Figure 11-2. Modulo Timer (MTIM) Block Diagram
11.2
External Signal Description
The MTIM includes one external signal, TCLK, used to input an external clock when selected as the
MTIM clock source. The signal properties of TCLK are shown in Table 11-1.
The TCLK input must be synchronized by the bus clock. Also, variations in duty cycle and clock jitter
must be accommodated. Therefore, the TCLK signal must be limited to one-fourth of the bus frequency.
The TCLK pin can be muxed with a general-purpose port pin. See the Pins and Connections chapter for
the pin location and priority of this function.
11.3
Register Definition
Each MTIM includes four registers, which are summarized in Table 11-2:
•
An 8-bit status and control register
•
An 8-bit clock configuration register
•
An 8-bit counter register
•
An 8-bit modulo register
Refer to the direct-page register summary in the memory section of this data sheet for the absolute address
assignments for all MTIM registers. This section refers to registers and control bits only by their names.
Table 11-1. Signal Properties
Signal
Function
I/O
TCLK
External clock source input into MTIM
I
BUSCLK
TCLK
SYNC
CLOCK
SOURCE
SELECT
PRESCALEAND
SELECT DIVIDE
BY
8-BIT MODULO
(MTIMMOD)
8-BIT COMPARATOR
TRST
TSTP
CLKS
PS
XCLK
TOIE
MTIM
INTERRUPT
REQUEST
TOF
8-BIT COUNTER
(MTIMCNT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com