Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CSC Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CSC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CSC Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CSC Datasheet HTML 83Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 84Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 85Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 86Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 87Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 88Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 89Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 90Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 134 page
background image
Analog Comparator (RS08ACMPV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
87
10.4
Functional Description
The analog comparator can be used to compare two analog input voltages applied to ACMP+ and ACMP–;
or it can be used to compare an analog input voltage applied to ACMP– with an internal bandgap reference
voltage. ACBGS is used to select between the bandgap reference voltage or the ACMP+ pin as the input
to the non-inverting input of the analog comparator.
The comparator output is high when the non-inverting input is greater than the inverting input, and it is
low when the non-inverting input is less than the inverting input. ACMOD is used to select the condition
which will cause ACF to be set. ACF can be set on a rising edge of the comparator output, a falling edge
of the comparator output, or either a rising or a falling edge (toggle). The comparator output can be read
directly through ACO. The comparator output can also be driven onto the ACMPO pin using ACOPE.
Table 10-2. ACMPSC Field Descriptions
Field
Description
7
ACME
Analog Comparator Module Enable — ACME enables the ACMP module.
0 ACMP not enabled.
1 ACMP is enabled.
6
ACBGS
Analog Comparator Bandgap Select — ACBGS is used to select between the internal bandgap reference
voltage or the ACMP+ pin as the non-inverting input of the analog comparator.
0 External pin ACMP+ selected as non-inverting input to comparator.
1 Internal bandgap reference voltage selected as non-inverting input to comparator.
5
ACF
Analog Comparator Flag — ACF is set when a compare event occurs. Compare events are defined by ACMOD.
ACF is cleared by writing a one to ACF.
0 Compare event has not occurred.
1 Compare event has occurred.
4
ACIE
Analog Comparator Interrupt Enable — ACIE enables the interrupt for the ACMP. When ACIE is set, an
interrupt will be asserted when ACF is set.
0 Interrupt disabled.
1 Interrupt enabled.
3
ACO
Analog Comparator Output — Reading ACO will return the current value of the analog comparator output. ACO
is reset to a 0 and will read as a 0 when the ACMP is disabled (ACME = 0).
2
ACOPE
Analog Comparator Output Pin Enable — ACOPE is used to enable the comparator output to be placed onto
the external pin, ACMPO. ACOPE will only control the pin if the ACMP is active (ACME=1).
0 Analog comparator output not available on ACMPO.
1 Analog comparator output is driven out on ACMPO.
1:0
ACMOD
Analog Comparator Mode — ACMOD selects the type of compare event which sets ACF.
00 Encoding 0 — Comparator output falling edge.
01 Encoding 1 — Comparator output rising edge.
10 Encoding 2 — Comparator output falling edge.
11 Encoding 3 — Comparator output rising or falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com