Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CSC Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CSC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CSC Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CSC Datasheet HTML 61Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 62Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 63Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 64Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 65Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 66Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 67Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 68Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 134 page
background image
Chapter 8 Central Processor Unit (RS08CPUV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
65
8.5
Summary Instruction Table
Instruction Set Summary Nomenclature
The nomenclature listed here is used in the instruction descriptions in Table 8-1 through Table 8-2.
Operators
( )
=
Contents of register or memory location shown inside parentheses
← = Is loaded with (read: “gets”)
⇔
=
Exchange with
&
=
Boolean AND
|
=
Boolean OR
⊕ = Boolean exclusive-OR
:
=
Concatenate
+=Add
CPU registers
A
=
Accumulator
CCR
=
Condition code register
PC
=
Program counter
PCH
=
Program counter, higher order (most significant) six bits
PCL
=
Program counter, lower order (least significant) eight bits
SPC
=
Shadow program counter
SPCH
=
Shadow program counter, higher order (most significant) six bits
SPCL
=
Shadow program counter, lower order (least significant) eight bits
Memory and addressing
M=
A memory location or absolute data, depending on addressing mode
rel
=
The relative offset, which is the two’s complement number stored in the last
byte of machine code corresponding to a branch instruction
X=
Pseudo index register, memory location $000F
,X or D[X] =
Memory location $000E pointing to the memory location defined by the
pseudo index register (location $000F)
Condition code register (CCR) bits
Z
=
Zero indicator
C
=
Carry/borrow
CCR activity notation
–
=
Bit not affected
0
=
Bit forced to 0
1
=
Bit forced to 1
=
Bit set or cleared according to results of operation
U
=
Undefined after the operation
Machine coding notation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com