Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LF0MLQ1 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0MLQ1
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0MLQ1 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0MLQ1 Datasheet HTML 61Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 62Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 67Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 98 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
65
Table 15. HPREG1, HPREG2, Main LVDs, Digital HVD, and Digital LVD electrical specifications
No.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
1SR
External decoupling/
stability capacitor
Min, max values shall be granted
with respect to tolerance, voltage,
temperature, and aging variations.
12
—
40
µF
2SR
Combined ESR of
external capacitor
—0.03
—
0.5
Ω
3SR
Number of pins for
external decoupling/
stability capacitor
—5
—
—
—
4CV1V2
SR
Total capacitance on
1.2 V pins
Ceramic capacitors, taking into
account tolerance, aging, voltage
and temperature variation
—
—
300
nF
5tSU
Start-up time after main
supply stabilization
Cload =10µF×4
—
—
2.5
ms
6
Main high voltage
detectors upper threshold
——
—
2.9
V
7
Main high voltage
detectors lower threshold
—2.6
—
—
V
8
Digital high voltage
detector upper threshold
Before a destructive reset
initialization phase completion
—1.5
V
9
Digital high voltage
detector upper threshold
After a destructive reset
initialization phase completion
1.32
—
1.4
V
10
Digital high voltage
detector lower threshold
Before a destructive reset
initialization phase completion
1.330
—
1.4
V
11
Digital low voltage
detector lower threshold
—
1.080
—
1.110
V
12
POR rising/ falling supply
threshold voltage
—
1.6
—
2.6
V
13
SR
Supply ramp time
—
0.5 × 106
—3
V/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com