Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LF0MLQ1 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0MLQ1
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0MLQ1 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0MLQ1 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 11Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 12Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 13Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 14Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
Overview
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
11
1.3.10
Error Correction Status Module (ECSM)
The ECSM on this device manages the ECC configuration and reporting for the platform memories (flash memory and SRAM).
It does not implement the actual ECC calculation. A detected error (double error for flash memory or SRAM) is also reported
to the FCCU. The following errors and indications are reported into the ECSM dedicated registers:
•
ECC error status and configuration for flash memory and SRAM
•
ECC error reporting for flash memory
•
ECC error reporting for SRAM
•
ECC error injection for RAM
1.3.11
Peripheral bridge (PBRIDGE/AIPS-Lite)
The peripheral bridge (referred to as PBRIDGE or AIPS-Lite throughout this document) implements the following features:
•
Duplicated periphery
•
Protocol translator bridge from AMBA to internal periphery interface (IPI)
•
Master access right per peripheral (per master: read access enable; write access enable)
•
Write buffering for peripherals
•
Checker applied on AIPS-Lite output toward periphery
•
Byte endianess swap capability
1.3.12
Interrupt Controller (INTC)
The INTC (interrupt controller) provides priority-based preemptive scheduling of interrupt requests, suitable for statically
scheduled hard real-time systems.
For high-priority interrupt requests, the time from the assertion of the interrupt request from the peripheral to when the processor
is executing the interrupt service routine (ISR) has been minimized. The INTC provides a unique vector for each interrupt
request source for quick determination of which ISR needs to be executed. It also provides an ample number of priorities so that
lower priority ISRs do not delay the execution of higher priority ISRs. To allow the appropriate priorities for each source of
interrupt request, the priority of each interrupt request is software configurable.
The INTC supports the priority ceiling protocol for coherent accesses. By providing a modifiable priority mask, the priority can
be raised temporarily so that all tasks which share the resource can not preempt each other.
The INTC provides the following features:
•
Duplicated periphery
•
Unique 9-bit vector per interrupt source
•
16 priority levels with fixed hardware arbitration within priority levels for each interrupt source
•
Priority elevation for shared resource
The INTC is replicated for each processor.
e200z4d Peripheral Read
TBD
Peripheral Bridge read
e200z4d Peripheral Write
TBD
Peripheral Bridge write
NOTES:
1 To be determined
Table 2. Platform memory access time summary (continued)
AHB Transfer
Data Phase
Wait States
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com