Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LF0MLQ1 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0MLQ1
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0MLQ1 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0MLQ1 Datasheet HTML 76Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 77Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 78Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 79Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 80Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 81Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 82Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 98 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
80
Figure 30. Noise filtering on reset signal
3.17.2
IEEE 1149.1 interface timing
Table 31. RESET electrical characteristics
No.
Symbol
Parameter
Conditions1
NOTES:
1 V
DD = 3.3 V ± 10%, TJ = –40 to +150 °C, unless otherwise specified
Min
Typ
Max
Unit
1Ttr
D
Output transition time output pin2
2 C
L includes device and package capacitance (CPKG <5pF).
CL = 25pF
—
—
12
ns
CL = 50pF
—
—
25
CL = 100pF
—
—
40
2WFRST
PnRSTIN input filtered pulse
—
—
—
40
ns
3WNFRST PnRSTIN input not filtered pulse
—
500
—
—
ns
Table 32. JTAG pin AC electrical characteristics
No.
Symbol
Parameter
Conditions
Min Max Unit
1tJCYC
D
TCK cycle time
—
100
—
ns
2tJDC
D
TCK clock pulse width (measured at VDDE/2)
—
40
60
ns
3tTCKRISE
D
TCK rise and fall times (40%–70%)
—
—
3
ns
4tTMSS, tTDIS D TMS, TDI data setup time
—
5
—
ns
5tTMSH, tTDIH D TMS, TDI data hold time
—
25
—
ns
6tTDOV
D
TCK low to TDO data valid
—
—
20
ns
7tTDOI
D
TCK low to TDO data invalid
—
0
—
ns
VRSTIN
VIL
VIH
VDD
filtered by
hysteresis
filtered by
lowpass filter
WFRST
WNFRST
hw_rst
‘1’
‘0’
filtered by
lowpass filter
WFRST
unknown reset
state
device under hardware reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com