Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LF0MLQ1 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0MLQ1
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0MLQ1 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0MLQ1 Datasheet HTML 62Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 67Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 98 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
66
Figure 4. BCP68 Board schematic example
NOTE
The combined ESR of the capacitors used on 1.2 V pins (V1V2 in the picture) shall be in
the range of 30 mΩ to 150 mΩ. The minimum value of the ESR is constrained by the
resonance caused by the external components, bonding inductance, and internal
decoupling. The minimum ESR is required to avoid the resonance and make the regulator
stable.
3.9
DC electrical characteristics
Table 16 gives the DC electrical characteristics at 3.3 V (3.0 V < VDD_HV_IOx <3.6 V).
Table 16. DC electrical characteristics1
Symbol
Parameter
Conditions
Min
Max
Unit
VIL
D
Minimum low level input voltage
—
–0.12
—V
VIL
P
Maximum level input voltage
—
—
0.35 VDD_HV_IOx
V
VIH
P
Minimum high level input voltage
—
0.65 VDD_HV_IOx
—V
VIH
D
Maximum high level input voltage
——
VDD_HV_IOx +0.1
2
V
VHYS
T
Schmitt trigger hysteresis
—
0.1 VDD_HV_IOx
—V
VOL_S
P
Slow, low level output voltage
IOL =1.5 mA
—
0.5
V
BCRTL
Cext
Cint
Rb
Lb
Rs
V1V2 ring on board
VDD
V1V2 pin
ESR
Cv1v2
MPC5643L
BCP68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com