Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet(PDF) 49 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 49 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 45Page - Micrel Semiconductor MIC3003 Datasheet HTML 46Page - Micrel Semiconductor MIC3003 Datasheet HTML 47Page - Micrel Semiconductor MIC3003 Datasheet HTML 48Page - Micrel Semiconductor MIC3003 Datasheet HTML 49Page - Micrel Semiconductor MIC3003 Datasheet HTML 50Page - Micrel Semiconductor MIC3003 Datasheet HTML 51Page - Micrel Semiconductor MIC3003 Datasheet HTML 52Page - Micrel Semiconductor MIC3003 Datasheet HTML 53Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
49
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Application Select Control Mode (ASCM)
D[7-6]
Control bits
read/write
D[5-0]
Table select
read/write
Default value
0000 0000b = 00h
Serial address
A2h
Byte address
111 = 6Fh
Bit(s)
Function
Operation
D[7-6]
Application Select Control Bits
D[5-0]
Table Select
Bit 7
Bit 6
0
0
Rate Select/Extended Rate Select Emulation Mode:
RS0 (pin 7) controls RRSOUT( pin 20)
RS1 (pin 9) does not control TRSOUT (pin 19)
Byte 110 bit 3 controls RRSOUT (pin 20)
Byte 118 bit 3 controls TRSOUT (pin 19)
0
1
Hardware Application Select Mode:
RS0 (pin 7) controls RRSOUT( pin 20)
RS1 (pin 9) controls TRSOUT (pin 19)
Byte 110 bit 3 does not control RRSOUT (pin 20)
Byte 118 bit 3 does not control TRSOUT (pin 19)
1
X
Software Mode:
RS0 (pin 7) does not control RRSOUT( pin 20)
RS1 (pin 9) does not control TRSOUT (pin 19)
Byte 110 bit 3 does not control RRSOUT (pin 20)
Byte 118 bit 3 does not control TRSOUT (pin 19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com