Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet(PDF) 32 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 32 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 28Page - Micrel Semiconductor MIC3003 Datasheet HTML 29Page - Micrel Semiconductor MIC3003 Datasheet HTML 30Page - Micrel Semiconductor MIC3003 Datasheet HTML 31Page - Micrel Semiconductor MIC3003 Datasheet HTML 32Page - Micrel Semiconductor MIC3003 Datasheet HTML 33Page - Micrel Semiconductor MIC3003 Datasheet HTML 34Page - Micrel Semiconductor MIC3003 Datasheet HTML 35Page - Micrel Semiconductor MIC3003 Datasheet HTML 36Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
32
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
The internal state machine calculates a new table index
each time a new average temperature value becomes
available. This table index is derived from the average
temperature value. The table index is then converted into
a table address for each of the four look-up tables. These
operations can be expressed as:
(10)
where TAVG(n) is the current average temperature; and
TABLE_ADDRESS=INDEX+BASE_ADDRESS
where BASE_ADDRESS is the physical base address of
each table, i.e., 00h, 20h, 40h, 80h, or 60h (tables reside in
the Base address + 4h and Base address + 6h pages of
memory).
At any given time, the current table index can be read in
the LUTINDX register.
Alarms and Warning Flags
There are 20 different conditions that will cause the
MIC3003 to set one of the bits in the WARNx or ALARMx
registers. These conditions are listed in Table 21. The
less critical of these events generate warning flags by
setting a bit in WARN0 or WARN1. The more critical
events cause bits to be set in ALARM0 or ALARM1.
An event occurs when any alarm or warning condition
becomes true. Each event causes its corresponding
status bit in ALARM0, ALARM1, WARN0, or WARN1 to
be set. This action cannot be masked by the host. IF
OEMCFG-4 bits [7-4] are set to 0 (default value), the
status bit will remain set until the host reads that
particular status register, a power on-off cycle occurs, or
the host toggles TXDISABLE.
If TXDISABLE is asserted at any time during normal
operation, A/D conversions continue. The A/D results for
all parameters will continue to be reported. All events will
be reported in the normal way. If they have not already
been individually cleared by read operations, when
TXDISABLE is deasserted, all status registers will be
cleared.
Control and Status I/O
The logic for the transceiver control and status I/O is shown
schematically in Figure 13. Note that the internal drivers on
RXLOS/TRSOUT, RRSOUT/GPO, QGPO, and TXFAULT
are all open-drain. These signals may be driven either by
the internal logic or external drivers connected to the
corresponding MIC3003 pins. In any case, the signal level
appearing at the pins of the MIC3003 will be reported in the
control register status bits.
Note that the control bits for TX_DISABLE and RRSOUT,
TRSOUT, and the status bits for TXFAULT and RXLOS do
not meet the timing requirements as specified in the SFP
MSA or the GBIC Specification, revision 5.5 (SFF-8053) for
the hardware signals. The speed of the SMBus serial
interface limits the rate at which these functions can be
manipulated and/or reported. The response time for the
control and status bits is given in the “Electrical
Characteristics” subsection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com