Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet(PDF) 62 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 62 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 58Page - Micrel Semiconductor MIC3003 Datasheet HTML 59Page - Micrel Semiconductor MIC3003 Datasheet HTML 60Page - Micrel Semiconductor MIC3003 Datasheet HTML 61Page - Micrel Semiconductor MIC3003 Datasheet HTML 62Page - Micrel Semiconductor MIC3003 Datasheet HTML 63Page - Micrel Semiconductor MIC3003 Datasheet HTML 64Page - Micrel Semiconductor MIC3003 Datasheet HTML 65Page - Micrel Semiconductor MIC3003 Datasheet HTML 66Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
62
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
OEM Password Setting (OEMPWSET)
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for all bytes
0000 0000b = 00h
Serial address
A6h
Byte addresses
12 - 15 = 0Ch - 0Fh
This four-byte field is the password required for access to the OEM area of the MIC3003’s memory and registers. This field is
compared to the four-byte OEMPW field at serial address A2h. If the two fields match, access is allowed to the OEM areas of
the MIC3003 non-volatile memory at serial addresses A4h and A6h.
The OEM password may be set by writing the new value into OEMPWSET. The new password will not take effect until after a
power-on reset occurs or a warm reset is performed using the RST bit in OEMCFG0. This allows the new password to be
verified before it takes effect.
These registers are non-volatile and will be maintained through power and reset cycles. A valid OEM password is required for
access to this register.
Byte
Weight
3
OEM Password, Most Significant Byte
2
OEM Password, 2nd Most Significant Byte
1
OEM Password, 2nd Least Significant Byte
0
OEM Password, Least Significant Byte
OEM Calibration 0 (OEMCAL0)
D[7]
reserved
read-only
D[6]
FLTDIS
read/write
D[5]
FSPIN
read/write
D[4]
WRINH
read/write
D[3]
APCCAL
read/write
D[2]
reserved
read-only
D[1]
reserved
read-only
D[0]
FRCOPS
read/write
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
16 = 10h
A valid OEM password is required for access to this register. This register is volatile and will not keep its value through power
cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com