Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWU6605 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWU6605
Description  HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWU6605 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWU6605 Datasheet HTML 1Page - ANADIGICS, Inc AWU6605 Datasheet HTML 2Page - ANADIGICS, Inc AWU6605 Datasheet HTML 3Page - ANADIGICS, Inc AWU6605 Datasheet HTML 4Page - ANADIGICS, Inc AWU6605 Datasheet HTML 5Page - ANADIGICS, Inc AWU6605 Datasheet HTML 6Page - ANADIGICS, Inc AWU6605 Datasheet HTML 7Page - ANADIGICS, Inc AWU6605 Datasheet HTML 8Page - ANADIGICS, Inc AWU6605 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
PRELIMINARY DATA SHEET - Rev 1.1
08/2009
AWU6605
Table4:ElectricalSpecifications
(TC = +25 °C, VCC = +3.4 V, VBATT = +3.4 V, VENABLE = +2.4 V, 50 Ω system, R99 waveform)
Notes:
(1) ACLR and Efficiency measured at 836.5 MHz.
(2) 869 MHz to 894 MHz.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE1
Gain
25
13
27
15
30
17.5
dB
+28.5 dBm
+17 dBm
0 V
2.4 V
ACLR1at5MHzoffset(1)
-
-
-41
-42
-38
-38
dBc
+28.5 dBm
+17 dBm
0 V
2.4 V
ACLR2at10MHzoffset
-
-
-55
-55
-48
-48
dBc
+28.5 dBm
+17 dBm
0 V
2.4 V
Power-AddedEfficiency(1)
37
18
40
20
-
-
%
+28.5 dBm
+17 dBm
0 V
2.4 V
QuiescentCurrent(Icq)
LowBiasMode
-
8
11
mA
VMODE1 = +2.4 V
Mode Control Current
-
0.3
0.8
mA
through VMODEpin,VMODE1 = +2.4 V
EnableCurrent
-
0.3
0.8
mA
through VENABLE pin
BATT Current
-
3.0
5
mA
through VBATTpin,VMODE1 = +2.4 V
LeakageCurrent
-
<1
5
µA
VBATT=+4.2V,VCC=+4.2V,
VENABLE=0V,VMODE1 = 0 V
NoiseinReceiveBand(2)
-
-135
-133 dBm/Hz POUT <+28.5dBm,VMODE1 = 0V
-
-143
-138 dBm/Hz POUT <17dBm,VMODE1 = +2.4 V
Harmonics
2fo
3fo,4fo
-
-
-35
-45
-30
-35
dBc
POUT < +28.5 dBm
Input Impedance
-
-
2:1
VSWR
CouplingFactor
-
20
-
dB
Directivity
-
20
-
dB
SpuriousOutputLevel
(allspuriousoutputs)
-
-
-70
dBc
POUT < +28.5 dBm
In-bandloadVSWR<5:1
Out-of-bandloadVSWR<10:1
Appliesoveralloperating
conditions
Loadmismatchstresswithno
permanent degradation or failure
8:1
-
-
VSWR Appliesoverfulloperatingrange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com