Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWU6605 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # AWU6605
Description  HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWU6605 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button AWU6605 Datasheet HTML 3Page - ANADIGICS, Inc AWU6605 Datasheet HTML 4Page - ANADIGICS, Inc AWU6605 Datasheet HTML 5Page - ANADIGICS, Inc AWU6605 Datasheet HTML 6Page - ANADIGICS, Inc AWU6605 Datasheet HTML 7Page - ANADIGICS, Inc AWU6605 Datasheet HTML 8Page - ANADIGICS, Inc AWU6605 Datasheet HTML 9Page - ANADIGICS, Inc AWU6605 Datasheet HTML 10Page - ANADIGICS, Inc AWU6605 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PRELIMINARY DATA SHEET - Rev 1.1
08/2009
AWU6605
7
Figure 8: Gain vs Output Power
Figure 9: Current vs Output Power
Figure 10: ACLR1 (5 MHz offset) vs Output
Figure 11: ACLR2 (10 MHz offset) vs Output
Figure12:EfficiencyvsOutputPower
CHARACTERIZATION DATA
(HSPA, Rel 7, VCC = 3.4 V, VEN = 2.4 V, T = 25 8C)
0
5
10
15
20
25
30
-10
-5
0
5
10
15
20
25
30
Pout (dBm)
824MHz
836.5MHz
849MHz
0
50
100
150
200
250
300
350
400
450
500
550
-10
-5
0
5
10
15
20
25
30
Pout (dBm)
824MHz
836.5MHz
849MHz
-60
-55
-50
-45
-40
-35
-30
-10
-5
0
5
10
15
20
25
30
Pout (dBm)
824MHz
836.5MHz
849MHz
-80
-75
-70
-65
-60
-55
-50
-45
-40
-10
-5
0
5
10
15
20
25
30
Pout (dBm)
824MHz
836.5MHz
849MHz
0
5
10
15
20
25
30
35
40
-10
-5
0
5
10
15
20
25
30
Pout (dBm)
824MHz
836.5MHz
849MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com