Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWU6605 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWU6605
Description  HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWU6605 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWU6605 Datasheet HTML 1Page - ANADIGICS, Inc AWU6605 Datasheet HTML 2Page - ANADIGICS, Inc AWU6605 Datasheet HTML 3Page - ANADIGICS, Inc AWU6605 Datasheet HTML 4Page - ANADIGICS, Inc AWU6605 Datasheet HTML 5Page - ANADIGICS, Inc AWU6605 Datasheet HTML 6Page - ANADIGICS, Inc AWU6605 Datasheet HTML 7Page - ANADIGICS, Inc AWU6605 Datasheet HTML 8Page - ANADIGICS, Inc AWU6605 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
08/2009
AWU6605
HELP3TM Band 5 / WCDMA
3.4 V / 28.5 dBm Linear PA Module
PRELIMINARY DATA SHEET - Rev 1.1
M45 Package
10 Pin 3 mm x 3 mm x 1 mm
Surface Mount Module
Figure 1: Block Diagram
FEATURES
• HSPA Compliant
• InGaP HBT Technology
• HighEfficiency:(R99waveform)
40 % @ POUT = +28.5 dBm
20 % @ POUT = +17 dBm
• LowQuiescentCurrent:8mA
• LowLeakageCurrentinShutdownMode:<1µA
• InternalVoltageRegulator
• Integrated“daisychainable”directionalcouplers
withCPLIN and CPLOUTPorts
• Optimized for a 50 ΩSystem
• LowProfileMiniatureSurfaceMountPackage
• RoHSCompliantPackage,260oC MSL-3
APPLICATIONS
• WCDMA/HSPACell-BandWirelessHandsets
andDataDevices
PRODUCT DESCRIPTION
TheAWU6605HELP3TMPAisa3rdgenerationWCDMA
product for UMTS handsets.This PA incorporates
ANADIGICS’ HELP3TM technology to provide low
powerconsumptionwithouttheneedforanexternal
voltage regulator.A “daisy chainable” directional
couplerisintegratedinthemodulethuseliminatingthe
needofexternalcouplers.Thedeviceismanufactured
onanadvancedInGaPHBTMMICtechnologyoffering
state-of-the-art reliability, temperature stability, and
ruggedness.There are two selectable bias modes
that optimize efficiency for different output power
levels,andashutdownmodewithlowleakagecurrent,
whichincreaseshandsettalkandstandbytime.The
self-contained3mmx3mmx1mmsurfacemount
packageincorporatesmatchingnetworksoptimizedfor
outputpower,efficiency,andlinearityina50Ωsystem.
AWU6605
1
2
3
4
5
10
9
8
7
6
VBATT
RFIN
VMODE2 (N/C)
VMODE1
VEN
CPLOUT
GND
CPLIN
RFOUT
VCC
BiasControl
VoltageRegulation
CPL
GNDatSlug(pad)


Similar Part No. - AWU6605

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6601 ANADIGICS-AWU6601 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6601RM45P9 ANADIGICS-AWU6601RM45P9 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6601RM45Q7 ANADIGICS-AWU6601RM45Q7 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6602 ANADIGICS-AWU6602 Datasheet
565Kb / 13P
HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
Rev 2.0
AWU6602RM45P9 ANADIGICS-AWU6602RM45P9 Datasheet
565Kb / 13P
HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
Rev 2.0
More results

Similar Description - AWU6605

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6277R ANADIGICS-AWT6277R Datasheet
282Kb / 8P
HELP IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
Rev 1.2
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6282 ANADIGICS-AWT6282 Datasheet
421Kb / 8P
HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6243R ANADIGICS-AWT6243R Datasheet
427Kb / 8P
HELP3TM 1.7 GHz/UMTS 3.4 V/28.5 dBm Linear Power Amplifier Module
Rev 2.3
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6277R ANADIGICS-AWT6277R_08 Datasheet
429Kb / 8P
HELPTM IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
11/2008
AWU6601 ANADIGICS-AWU6601 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6602 ANADIGICS-AWU6602 Datasheet
565Kb / 13P
HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
Rev 2.0
AWU6604 ANADIGICS-AWU6604 Datasheet
565Kb / 13P
HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6608 ANADIGICS-AWU6608 Datasheet
567Kb / 13P
HELP3TM Band 8 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
Rev 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com