Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWU6605 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # AWU6605
Description  HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWU6605 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  AWU6605 Datasheet HTML 1Page - ANADIGICS, Inc AWU6605 Datasheet HTML 2Page - ANADIGICS, Inc AWU6605 Datasheet HTML 3Page - ANADIGICS, Inc AWU6605 Datasheet HTML 4Page - ANADIGICS, Inc AWU6605 Datasheet HTML 5Page - ANADIGICS, Inc AWU6605 Datasheet HTML 6Page - ANADIGICS, Inc AWU6605 Datasheet HTML 7Page - ANADIGICS, Inc AWU6605 Datasheet HTML 8Page - ANADIGICS, Inc AWU6605 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PRELIMINARY DATA SHEET - Rev 1.1
08/2009
AWU6605
5
APPLICATION INFORMATION
To ensure proper performance, refer to all related
Application Notes on theANADIGICS web site:
http://www.anadigics.com
Shutdown Mode
The power amplifier may be placed in a shutdown
mode by applying logic low levels (see Operating
Rangestable)totheVENABLE and VMODE1voltages.
Bias Modes
ThepoweramplifiermaybeplacedineitheraLowBias
modeoraHighBiasmodebyapplyingtheappropriate
logic level (see Operating Ranges table) to VMODE1.
TheBiasControltableliststherecommendedmodes
of operation for various applications. VMODE2 is not
necessaryforthisPA.
Twooperatingmodesareavailabletooptimizecurrent
consumption.HighBias/HighPoweroperatingmode
isforPOUTlevels>16dBm.Ataround17dBmoutput
power,thePAcanbe“ModeSwitched”toMedium/
Low power mode for lowest quiescent current
consumption.
Table 5: Bias Control (UMTS)
APPLICATION
POUT
LEVELS
BIAS MODE
VENABLE
VMODE1
VCC
VBATT
UMTS-med/lowpower
(LowBiasMode)
< +17 dBm
Low
+2.4 V
+2.4 V
3.2 - 4.2 V
> 3.2 V
UMTS-highpower
(HighBiasMode)
>+16dBm
High
+2.4 V
0 V
3.2 - 4.2 V
> 3.2 V
OptionallowerVCCinlow
powermode
< +7 dBm
Low
+2.4 V
+2.4 V
1.5 V
> 3.2 V
Shutdown
-
Shutdown
0 V
0 V
3.2 - 4.2 V
> 3.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com