Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6657BBCZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD6657BBCZ
Description  Quad IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6657BBCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6657BBCZ Datasheet HTML 6Page - Analog Devices AD6657BBCZ Datasheet HTML 7Page - Analog Devices AD6657BBCZ Datasheet HTML 8Page - Analog Devices AD6657BBCZ Datasheet HTML 9Page - Analog Devices AD6657BBCZ Datasheet HTML 10Page - Analog Devices AD6657BBCZ Datasheet HTML 11Page - Analog Devices AD6657BBCZ Datasheet HTML 12Page - Analog Devices AD6657BBCZ Datasheet HTML 13Page - Analog Devices AD6657BBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD6657
Rev. 0 | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AGND
VIN+C
VIN–C
AGND
AVDD
CLK–
CLK+
AVDD
AGND
VIN–B
VIN+B
AGND
1234
5
6
78
9
10
11
12
AGND
AGND
VCMC
AGND
AVDD
AVDD
AVDD
AVDD
AGND
VCMB
AGND
AGND
VIN+D
AGND
AGND
CSB
SDIO
SCLK
PDWN
SYNC
MODE
AGND
AGND
VIN+A
VIN–D
VCMD
AGND
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
AGND
VCMA
VIN–A
AGND
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
DRGND
DRGND
DRGND
DRGND
DRGND
DRGND
DRGND
DRGND
DRGND
DRGND
DRGND
DRGND
DRVDD
DRVDD
DRVDD
DRVDD
DRVDD
DRVDD
DRVDD
DRVDD
DRVDD
DRVDD
DRVDD
DRVDD
D0–CD
D2–CD
D4–CD
D6–CD
D8–CD
D10–CD
D0–AB
D2–AB
D4–AB
D6–AB
D8–AB
D10–AB
D0+CD
K
D2+CD
D4+CD
D6+CD
D8+CD
D10+CD
D0+AB
D2+AB
D4+AB
D6+AB
D8+AB
D10+AB
D1–CD
D3–CD
D5–CD
D7–CD
D9–CD
DCO–CD D1–AB
D3–AB
D5–AB
D7–AB
D9–AB DCO–AB
D1+CD
A
B
C
D
E
F
G
H
J
L
M
D3+CD
D5+CD
D7+CD
D9+CD
DCO+CD D1+AB
D3+AB
D5+AB
D7+AB
D9+AB DCO+AB
Figure 4. Pin Configuration (Top View)
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
A5, A8, B5, B6, B7, B8,
D4, D5, D6, D7, D8,
D9, E2, E3, E4, E5, E6,
E7, E8, E9, E10, E11
AVDD
Supply
Analog Power Supply (1.8 V Nominal)
A1, A4, A9, A12, B1,
B2, B4, B9, B11, B12,
C2, C3, C10, C11, D3,
D10, E1, E12, F1, F2,
F3, F4, F5, F6, F7, F8,
F9, F10, F11, F12
AGND
Ground
Analog Ground
H1, H2, H3, H4, H5,
H6, H7, H8, H9, H10,
H11, H12
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal)
G1, G2, G3, G4, G5,
G6, G7, G8, G9, G10,
G11, G12
DRGND
Ground
Digital Output Driver Ground
A7
CLK+
Input
ADC Clock Input—True
A6
CLK−
Input
ADC Clock Input—Complement
C12
VIN+A
Input
Differential Analog Input Pin (+) for Channel A
D12
VIN−A
Input
Differential Analog Input Pin (−) for Channel A
D11
VCMA
Output
Common-Mode Level Bias Output for Analog Input Channel A
A11
VIN+B
Input
Differential Analog Input Pin (+) for Channel B
A10
VIN−B
Input
Differential Analog Input Pin (−) for Channel B
B10
VCMB
Output
Common-Mode Level Bias Output for Analog Input Channel B
A2
VIN+C
Input
Differential Analog Input Pin (+) for Channel C
A3
VIN−C
Input
Differential Analog Input Pin (−) for Channel C
B3
VCMC
Output
Common-Mode Level Bias Output for Analog Input Channel C
C1
VIN+D
Input
Differential Analog Input Pin (+) for Channel D
D1
VIN−D
Input
Differential Analog Input Pin (−) for Channel D
D2
VCMD
Output
Common-Mode Level Bias Output for Analog Input Channel D
K7
D0+AB
Output
Channel A and Channel B LVDS Output Data 0—True
J7
D0−AB
Output
Channel A and Channel B LVDS Output Data 0—Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com