Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6657BBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD6657BBCZ
Description  Quad IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6657BBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6657BBCZ Datasheet HTML 10Page - Analog Devices AD6657BBCZ Datasheet HTML 11Page - Analog Devices AD6657BBCZ Datasheet HTML 12Page - Analog Devices AD6657BBCZ Datasheet HTML 13Page - Analog Devices AD6657BBCZ Datasheet HTML 14Page - Analog Devices AD6657BBCZ Datasheet HTML 15Page - Analog Devices AD6657BBCZ Datasheet HTML 16Page - Analog Devices AD6657BBCZ Datasheet HTML 17Page - Analog Devices AD6657BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD6657
Rev. 0 | Page 14 of 32
–120
–100
–80
–60
–40
–20
0
–90
–78
–66
–54
–42
–30
–18
–6
INPUT AMPLITUDE (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
IMD3 (dBc)
SFDR (dBc)
Figure 17. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 169.1 MHz and fIN2 = 172.1 MHz
0
200,000
400,000
600,000
800,000
1,000,000
1,200,000
N – 3
N – 2
N – 1
N
N + 1
N + 2
N + 3
OUTPUT CODE
Figure 18. Grounded Input Histogram
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
500
1000
1500
2000
OUTPUT CODE
Figure 19. INL with fIN = 30.3 MHz
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
500
1000
1500
2000
OUTPUT CODE
Figure 20. DNL with fIN = 30.3 MHz
60
61
62
63
64
65
66
67
68
69
30
35
40
45
50
55
60
65
70
DUTY CYCLE (%)
Figure 21. SNR vs. Duty Cycle with fIN = 10.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com