Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6657BBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD6657BBCZ
Description  Quad IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6657BBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6657BBCZ Datasheet HTML 14Page - Analog Devices AD6657BBCZ Datasheet HTML 15Page - Analog Devices AD6657BBCZ Datasheet HTML 16Page - Analog Devices AD6657BBCZ Datasheet HTML 17Page - Analog Devices AD6657BBCZ Datasheet HTML 18Page - Analog Devices AD6657BBCZ Datasheet HTML 19Page - Analog Devices AD6657BBCZ Datasheet HTML 20Page - Analog Devices AD6657BBCZ Datasheet HTML 21Page - Analog Devices AD6657BBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD6657
Rev. 0 | Page 18 of 32
431nH
CML
AIN–
ADC
INTERNAL
INPUT Z
ANALOG
INPUT
XFMR 1:4 Z
ETC4-1T-7
INPUT
Z = 50Ω
3.0pF
3.0kΩ
33Ω
121Ω
121Ω
33Ω
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
Figure 34. 1:4 Transformer Passive Configuration
AD8376
AD6657
1µH
1µH
1nF
1nF
VPOS
CML
15pF
68nH
3.0kΩ║3.0pF
301Ω
165Ω
165Ω
5.1pF
3.9pF
180nH
1000pF
1000pF
NOTES
1. ALL INDUCTORS ARE COILCRAFT 0603CS COMPONENTS
WITH THE EXCEPTION OF THE 1µH CHOKE INDUCTORS (0603LS).
180nH
220nH
220nH
Figure 35. Active Front-End Configuration Using the AD8376
For the popular IF band of 140 MHz, Figure 34 shows an
example of a 1:4 transformer passive configuration where a
differential inductor is used to resonate with the internal input
capacitance of the AD6657. This configuration realizes excellent
noise and distortion performance. Figure 35 shows an example
of an active front-end configuration using the AD8376 dual
VGA. This configuration is recommended when signal gain
is required.
CLOCK INPUT CONSIDERATIONS
For optimum performance, the AD6657 sample clock inputs,
CLK+ and CLK−, should be clocked with a differential signal.
The signal is typically ac-coupled into the CLK+ and CLK− pins
via a transformer or capacitors. These pins are biased internally
(see Figure 36) and require no external bias.
1.2V
AVDD
2pF
2pF
CLK–
CLK+
Figure 36. Equivalent Clock Input Circuit
Clock Input Options
The AD6657 has a very flexible clock input structure. The clock
input can be a CMOS, LVDS, LVPECL, or sine wave signal.
Regardless of the type of signal being used, clock source jitter is
of the most concern (see the Jitter Considerations section).
Figure 37 and Figure 38 show two preferred methods for clock-
ing the AD6657 (at clock rates up to 625 MHz). A low jitter clock
source is converted from a single-ended signal to a differential
signal using either an RF balun or an RF transformer.
The RF balun configuration is recommended for clock frequencies
between 125 MHz and 625 MHz, and the RF transformer config-
uration is recommended for clock frequencies from 10 MHz to
200 MHz. The back-to-back Schottky diodes across the trans-
former/balun secondary limit clock excursions into the AD6657
to approximately 0.8 V p-p differential.
This limit helps to prevent the large voltage swings of the clock
from feeding through to other portions of the AD6657 while
preserving the fast rise and fall times of the signal that are
critical to a low jitter performance.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
ADT1-1WT, 1:1Z
XFMR
Figure 37. Transformer-Coupled Differential Clock (Up to 200 MHz)
0.1µF
0.1µF
1nF
CLOCK
INPUT
1nF
50Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 38. Balun-Coupled Differential Clock (Up to 625 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com