Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6657BBCZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD6657BBCZ
Description  Quad IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6657BBCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6657BBCZ Datasheet HTML 7Page - Analog Devices AD6657BBCZ Datasheet HTML 8Page - Analog Devices AD6657BBCZ Datasheet HTML 9Page - Analog Devices AD6657BBCZ Datasheet HTML 10Page - Analog Devices AD6657BBCZ Datasheet HTML 11Page - Analog Devices AD6657BBCZ Datasheet HTML 12Page - Analog Devices AD6657BBCZ Datasheet HTML 13Page - Analog Devices AD6657BBCZ Datasheet HTML 14Page - Analog Devices AD6657BBCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD6657
Rev. 0 | Page 11 of 32
Pin No.
Mnemonic
Type
Description
M7
D1+AB
Output
Channel A and Channel B LVDS Output Data 1—True
L7
D1−AB
Output
Channel A and Channel B LVDS Output Data 1—Complement
K8
D2+AB
Output
Channel A and Channel B LVDS Output Data 2—True
J8
D2−AB
Output
Channel A and Channel B LVDS Output Data 2—Complement
M8
D3+AB
Output
Channel A and Channel B LVDS Output Data 3—True
L8
D3−AB
Output
Channel A and Channel B LVDS Output Data 3—Complement
K9
D4+AB
Output
Channel A and Channel B LVDS Output Data 4—True
J9
D4−AB
Output
Channel A and Channel B LVDS Output Data 4—Complement
M9
D5+AB
Output
Channel A and Channel B LVDS Output Data 5—True
L9
D5−AB
Output
Channel A and Channel B LVDS Output Data 5—Complement
K10
D6+AB
Output
Channel A and Channel B LVDS Output Data 6—True
J10
D6−AB
Output
Channel A and Channel B LVDS Output Data 6—Complement
M10
D7+AB
Output
Channel A and Channel B LVDS Output Data 7—True
L10
D7−AB
Output
Channel A and Channel B LVDS Output Data 7—Complement
K11
D8+AB
Output
Channel A and Channel B LVDS Output Data 8—True
J11
D8−AB
Output
Channel A and Channel B LVDS Output Data 8—Complement
M11
D9+AB
Output
Channel A and Channel B LVDS Output Data 9—True
L11
D9−AB
Output
Channel A and Channel B LVDS Output Data 9—Complement
K12
D10+AB
Output
Channel A and Channel B LVDS Output Data 10—True
J12
D10−AB
Output
Channel A and Channel B LVDS Output Data 10—Complement
M12
DCO+AB
Output
Data Clock LVDS Output for Channel A and Channel B—True
L12
DCO−AB
Output
Data Clock LVDS Output for Channel A and Channel B—Complement
K1
D0+CD
Output
Channel C and Channel D LVDS Output Data 0—True
J1
D0−CD
Output
Channel C and Channel D LVDS Output Data 0—Complement
M1
D1+CD
Output
Channel C and Channel D LVDS Output Data 1—True
L1
D1−CD
Output
Channel C and Channel D LVDS Output Data 1—Complement
K2
D2+CD
Output
Channel C and Channel D LVDS Output Data 2—True
J2
D2−CD
Output
Channel C and Channel D LVDS Output Data 2—Complement
M2
D3+CD
Output
Channel C and Channel D LVDS Output Data 3—True
L2
D3−CD
Output
Channel C and Channel D LVDS Output Data 3—Complement
K3
D4+CD
Output
Channel C and Channel D LVDS Output Data 4—True
J3
D4−CD
Output
Channel C and Channel D LVDS Output Data 4—Complement
M3
D5+CD
Output
Channel C and Channel D LVDS Output Data 5—True
L3
D5−CD
Output
Channel C and Channel D LVDS Output Data 5—Complement
K4
D6+CD
Output
Channel C and Channel D LVDS Output Data 6—True
J4
D6−CD
Output
Channel C and Channel D LVDS Output Data 6—Complement
M4
D7+CD
Output
Channel C and Channel D LVDS Output Data 7—True
L4
D7−CD
Output
Channel C and Channel D LVDS Output Data 7—Complement
K5
D8+CD
Output
Channel C and Channel D LVDS Output Data 8—True
J5
D8−CD
Output
Channel C and Channel D LVDS Output Data 8—Complement
M5
D9+CD
Output
Channel C and Channel D LVDS Output Data 9—True
L5
D9−CD
Output
Channel C and Channel D LVDS Output Data 9—Complement
K6
D10+CD
Output
Channel C and Channel D LVDS Output Data 10—True
J6
D10−CD
Output
Channel C and Channel D LVDS Output Data 10—Complement
M6
DCO+CD
Output
Data Clock LVDS Output for Channel C and Channel D—True
L6
DCO−CD
Output
Data Clock LVDS Output for Channel C and Channel D—Complement
C9
MODE
Input
Mode Select Pin (Logic Low Enables NSR; Logic High Disables NSR)
C8
SYNC
Input
Digital Synchronization Pin
C7
PDWN
Input
Power-Down Input (Active High)
C6
SCLK
Input
SPI Clock
C5
SDIO
Input/Output
SPI Data
C4
CSB
Input
SPI Chip Select (Active Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com