Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC4DHM Datasheet(PDF) 4 Page - Motorola, Inc

Part # MAC4DHM
Description  TRIACS 4.0 AMPERES RMS 600 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC4DHM Datasheet(HTML) 4 Page - Motorola, Inc

  MAC4DHM Datasheet HTML 1Page - Motorola, Inc MAC4DHM Datasheet HTML 2Page - Motorola, Inc MAC4DHM Datasheet HTML 3Page - Motorola, Inc MAC4DHM Datasheet HTML 4Page - Motorola, Inc MAC4DHM Datasheet HTML 5Page - Motorola, Inc MAC4DHM Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MAC4DHM MAC4DLM
4
Motorola Thyristor Device Data
Figure 7. Typical Holding Current versus
Junction Temperature
Figure 8. Typical Latching Current versus
Junction Temperature
Figure 9. Exponential Static dv/dt versus
Gate–MT1 Resistance, MT2(+)
65
110
–40
TJ, JUNCTION TEMPERATURE (°C)
2.0
TJ, JUNCTION TEMPERATURE (°C)
20
110
–40
4.0
2.0
0
1000
10 K
100
RGK, GATE–MT1 RESISTANCE (OHMS)
20
15
10
5.0
0
1.0
0
–25
5.0
20
50
95
–25
5.0
8.0
10
12
4.0
3.0
5.0
80
50
65
MT2 POSITIVE
MT2 NEGATIVE
Q2
Q3
Q1
VD = 400 V
TJ = 110°C
MT2 POSITIVE
6.0
–10
35
80
–10
35
95
Q4
Figure 10. Critical Rate of Rise of
Commutating Voltage
1.0
0
di/dt(c), RATE OF CHANGE OF COMMUTATING CURRENT (A/ms)
10
1.0
0.1
2.0
3.0
VPK = 400 V
100
°C
90
°C
TJ = 110°C
tw
VDRM
(di/dt)c =
6f ITM
1000
f =
1
2 tw
4.0
5.0
6.0
MT2 NEGATIVE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com