Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC4DHM Datasheet(PDF) 1 Page - Motorola, Inc

Part # MAC4DHM
Description  TRIACS 4.0 AMPERES RMS 600 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC4DHM Datasheet(HTML) 1 Page - Motorola, Inc

  MAC4DHM Datasheet HTML 1Page - Motorola, Inc MAC4DHM Datasheet HTML 2Page - Motorola, Inc MAC4DHM Datasheet HTML 3Page - Motorola, Inc MAC4DHM Datasheet HTML 4Page - Motorola, Inc MAC4DHM Datasheet HTML 5Page - Motorola, Inc MAC4DHM Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Thyristor Device Data
Sensitive Gate TRIACS
Silicon Bidirectional Thyristors
Designed for high volume, low cost, industrial and consumer applications
such as motor control; process control; temperature, light and speed control.
• Small Size Surface Mount DPAK Package
• Passivated Die for Reliability and Uniformity
• Four–Quadrant Triggering
• Blocking Voltage to 600 V
• On–State Current Rating of 4.0 Amperes RMS at 93°C
• Low Level Triggering and Holding Characteristics
ORDERING INFORMATION
• To Obtain “DPAK” in Surface Mount Leadform (Case 369A)
Shipped in Sleeves — No Suffix, i.e. MAC4DHM
Shipped in 16 mm Tape and Reel — Add “T4” Suffix to Device Number,
i.e. MAC4DHMT4
• To Obtain “DPAK” in Straight Lead Version (Case 369) Shipped in Sleeves —
Add “–1” Suffix to Device Number, i.e. MAC4DHM–1
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off–State Voltage (1)
(TJ = –40 to 110°C, Sine Wave, 50 to 60 Hz, Gate Open)
MAC4DHM
MAC4DLM
VDRM
600
600
Volts
On–State RMS Current
(Full Cycle Sine Wave, 60 Hz, TC = 93°C)
IT(RMS)
4.0
Amps
Peak Non–Repetitive Surge Current
(One Full Cycle, 60 Hz, TJ = 110°C)
ITSM
40
Circuit Fusing Consideration (t = 8.3 msec)
I2t
6.6
A2sec
Peak Gate Power
(Pulse Width
≤ 10 msec, TC = 93°C)
PGM
0.5
Watts
Average Gate Power
(t = 8.3 msec, TC = 93°C)
PG(AV)
0.1
Peak Gate Current (Pulse Width
≤ 10 msec, TC = 93°C)
IGM
0.2
Amps
Peak Gate Voltage (Pulse Width
≤ 10 msec, TC = 93°C)
VGM
5.0
Volts
Operating Junction Temperature Range
TJ
–40 to 110
°C
Storage Temperature Range
Tstg
–40 to 150
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
Thermal Resistance — Junction to Ambient (2)
RqJC
RqJA
RqJA
3.5
88
80
°C/W
Maximum Lead Temperature for Soldering Purposes (3)
TL
260
°C
(1) VDRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; positive gate voltage shall not be
applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current source such that the
voltage ratings of the device are exceeded.
(2) Surface mounted on minimum recommended pad size.
(3) 1/8
″ from case for 10 seconds.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MAC4DHM/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MAC4DHM
MAC4DLM
TRIACS
4.0 AMPERES RMS
600 VOLTS
CASE 369A–13
STYLE 6
MT2
MT1
G
MT2
G
MT2
MT1
Motorola Preferred Devices
© Motorola, Inc. 1997


Similar Part No. - MAC4DHM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4DHM ONSEMI-MAC4DHM Datasheet
104Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 4
MAC4DHM ONSEMI-MAC4DHM Datasheet
78Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 5
MAC4DHM ONSEMI-MAC4DHM Datasheet
151Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
January, 2009 ??Rev. 6
logo
HAOPIN MICROELECTRONICS...
MAC4DHM HAOPIN-MAC4DHM Datasheet
382Kb / 5P
Blocking voltage to 600 V
logo
ON Semiconductor
MAC4DHM-001 ONSEMI-MAC4DHM-001 Datasheet
104Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 4
More results

Similar Description - MAC4DHM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6071 MOTOROLA-2N6071 Datasheet
118Kb / 6P
TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
MAC15SD MOTOROLA-MAC15SD Datasheet
690Kb / 8P
TRIACS 15 AMPERES RMS 400 THRU 800 VOLTS
MAC16D MOTOROLA-MAC16D Datasheet
133Kb / 4P
TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MAC4DCM MOTOROLA-MAC4DCM Datasheet
156Kb / 8P
TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
MAC6071 MOTOROLA-MAC6071 Datasheet
233Kb / 8P
TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
MAC8SD MOTOROLA-MAC8SD Datasheet
753Kb / 8P
TRIACS 8 AMPERES RMS 400 THRU 800 VOLTS
MAC9D MOTOROLA-MAC9D Datasheet
78Kb / 4P
TRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS
T2322 MOTOROLA-T2322 Datasheet
79Kb / 4P
SENSITIVE GATE TRIACs 2.5 AMPERES RMS 200 thru 600 VOLTS
T2800 MOTOROLA-T2800 Datasheet
69Kb / 4P
TRIACs 8 AMPERES RMS 200 thru 600 VOLTS
logo
ON Semiconductor
MCR716 ONSEMI-MCR716 Datasheet
68Kb / 6P
Sensitive Gate Silicon Controlled Rectifiers(SCRs 4.0 AMPERES RMS 400 - 600 VOLTS)
August, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com