Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC4DHM Datasheet(PDF) 3 Page - Motorola, Inc

Part # MAC4DHM
Description  TRIACS 4.0 AMPERES RMS 600 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC4DHM Datasheet(HTML) 3 Page - Motorola, Inc

  MAC4DHM Datasheet HTML 1Page - Motorola, Inc MAC4DHM Datasheet HTML 2Page - Motorola, Inc MAC4DHM Datasheet HTML 3Page - Motorola, Inc MAC4DHM Datasheet HTML 4Page - Motorola, Inc MAC4DHM Datasheet HTML 5Page - Motorola, Inc MAC4DHM Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MAC4DHM MAC4DLM
3
Motorola Thyristor Device Data
Figure 1. RMS Current Derating
Figure 2. On–State Power Dissipation
Figure 3. On–State Characteristics
Figure 4. Transient Thermal Response
Figure 5. Typical Gate Trigger Current versus
Junction Temperature
Figure 6. Typical Gate Trigger Voltage versus
Junction Temperature
2.5
4.0
0
IT(RMS), RMS ON–STATE CURRENT (AMPS)
110
105
100
IT(RMS), RMS ON–STATE CURRENT (AMPS)
3.0
4.0
0
4.0
2.0
1.0
0
4.0
0
VT, INSTANTANEOUS ON–STATE VOLTAGE (VOLTS)
100
10
1.0
0.1
t, TIME (ms)
1.0
0.1
1.0
0.1
0.01
3.5
–25
20
–40
TJ, JUNCTION TEMPERATURE (°C)
8.0
3.0
2.0
0
TJ, JUNCTION TEMPERATURE (°C)
–25
65
–40
0.8
0.6
0.2
20
5.0
95
90
0.5
1.0
1.5
2.0
3.0
3.5
1.0
2.0
3.0
5.0
6.0
1.0
0.5
3.0
10
100
1000
10 K
50
110
65
4.0
5.0
110
35
50
0.4
80
5.0
dc
180
°
120
°
90
°
60
°
a = 30°
dc
180
°
120
°
90
°
60
°
TYPICAL @ TJ = 25°C
MAXIMUM @ TJ = 25°C
MAXIMUM @ TJ = 110°C
ZqJC(t) = RqJC(t)Sr(t)
Q3
Q2
Q1
Q3
Q2
Q1
α
α
a = CONDUCTION ANGLE
α
α
a = CONDUCTION ANGLE
a = 30°
1.0
1.0
2.5
3.5
0.5
1.5
2.5
2.0
1.5
–10
35
95
6.0
7.0
Q4
–10
95
80
Q4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com