Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC4DHM Datasheet(PDF) 5 Page - Motorola, Inc

Part # MAC4DHM
Description  TRIACS 4.0 AMPERES RMS 600 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC4DHM Datasheet(HTML) 5 Page - Motorola, Inc

  MAC4DHM Datasheet HTML 1Page - Motorola, Inc MAC4DHM Datasheet HTML 2Page - Motorola, Inc MAC4DHM Datasheet HTML 3Page - Motorola, Inc MAC4DHM Datasheet HTML 4Page - Motorola, Inc MAC4DHM Datasheet HTML 5Page - Motorola, Inc MAC4DHM Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MAC4DHM MAC4DLM
5
Motorola Thyristor Device Data
Figure 11. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Voltage
80 mHY
LL
1N4007
200 V
+
MEASURE
I
–
CHARGE
CONTROL
CHARGE
TRIGGER
5
mF
NON-POLAR
CL
51
2
1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (dv/dt)c. See AN1048 for additional information.
RS
56
W
0.03
mF
ADJUST FOR
dv/dt(c)
CS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com