Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP01 Datasheet(PDF) 13 Page - SONiX Technology Company

Part # SNAP01
Description  Class AB Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAP01 Datasheet(HTML) 13 Page - SONiX Technology Company

Back Button SNAP01 Datasheet HTML 7Page - SONiX Technology Company SNAP01 Datasheet HTML 8Page - SONiX Technology Company SNAP01 Datasheet HTML 9Page - SONiX Technology Company SNAP01 Datasheet HTML 10Page - SONiX Technology Company SNAP01 Datasheet HTML 11Page - SONiX Technology Company SNAP01 Datasheet HTML 12Page - SONiX Technology Company SNAP01 Datasheet HTML 13Page - SONiX Technology Company SNAP01 Datasheet HTML 14Page - SONiX Technology Company SNAP01 Datasheet HTML 15Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SNAP01
Class AB Power Amplifier
Ver1.3
November 22, 2007
13
7.2. SNAP01PG (DIP Green Package)
8-pin DIP (300mil) Outline Dimensions
Pin No.
Symbol
I/O
Function Description
1
VM
I
Signal Input Positive
2
VIN
I
Signal Input Negative
3
GND
I
Negative Power Supply
4
VREF
O
Voltage Reference
5
CE
I
Chip Enable, High Active
6
O+
O
Positive Output
7
VDD
I
Positive Power Supply
8
O-
O
Negative Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com