Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP01 Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNAP01
Description  Class AB Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAP01 Datasheet(HTML) 5 Page - SONiX Technology Company

  SNAP01 Datasheet HTML 1Page - SONiX Technology Company SNAP01 Datasheet HTML 2Page - SONiX Technology Company SNAP01 Datasheet HTML 3Page - SONiX Technology Company SNAP01 Datasheet HTML 4Page - SONiX Technology Company SNAP01 Datasheet HTML 5Page - SONiX Technology Company SNAP01 Datasheet HTML 6Page - SONiX Technology Company SNAP01 Datasheet HTML 7Page - SONiX Technology Company SNAP01 Datasheet HTML 8Page - SONiX Technology Company SNAP01 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SNAP01
Class AB Power Amplifier
Ver1.3
November 22, 2007
5
5.2. DC Characteristics (Ta=25℃)
Parameter
Symbol
Min
Typical
Max
Unit
Condition
Supply Power
VDD
2.4
-
5.5
V
Standby Current
ISTB
-
-
1
μA
CE=Low
-
-
12
mA
VDD=3.0V,
CE=High, No load &
VIN and VM is floating.
Operating Current
IOP
-
-
16
mA
VDD=4.5V CE=High,
No load & VIN and VM
is floating.
Chip Enable
CE
VDD/3
V
VCE>2/3VDD = High
VCE<1/3VDD = Low
Reference
Voltage
VREF
-
VDD/2
-
V
CE=High,
CE=Low, VREF =VDD
-
180
-
mA
VDD=3.0V, RL=8
Ω
Output Current
Io
-
360
-
mA
VDD=4.5V, RL=8
Ω
-
57
-
dB
Single-End Mode
Signal to Noise
Ratio
SNR
-
72
-
dB
Differential Mode
-
-
1
%
VDD=3.0V, RL=8
Ω
P=0.25W
The Harmonic
Distortion + Noise
THD+N
-
-
1
%
VDD=4.5V, RL=8
Ω
P=0.58W
0.5
0.58
-
W
VDD=4.5V, RL=8
Ω,
THD+N=1%
Output Power
POUT
0.7
0.75
-
W
VDD=4.5V, RL=8
Ω,
THD+N=10%
-
16
-
ms
VDD=4.5V
Enable Time
TON
-
32
-
ms
VDD=3.0V
15
Single-end mode
Gain=75K/(5K+R1)
Gain
30
Differential-mode
Gain=75K/(5K+R1)
Note1:TON is the time from CE high (chip enable) to O+ or O- output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com