Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP01 Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SNAP01
Description  Class AB Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAP01 Datasheet(HTML) 1 Page - SONiX Technology Company

  SNAP01 Datasheet HTML 1Page - SONiX Technology Company SNAP01 Datasheet HTML 2Page - SONiX Technology Company SNAP01 Datasheet HTML 3Page - SONiX Technology Company SNAP01 Datasheet HTML 4Page - SONiX Technology Company SNAP01 Datasheet HTML 5Page - SONiX Technology Company SNAP01 Datasheet HTML 6Page - SONiX Technology Company SNAP01 Datasheet HTML 7Page - SONiX Technology Company SNAP01 Datasheet HTML 8Page - SONiX Technology Company SNAP01 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SNAP01
Class AB Power Amplifier
Ver1.3
November 22, 2007
1
============== CONTENTS ==============
1.
GENERAL DESCRIPTION .......................................................................................3
2.
FEATURES .................................................................................................................3
3.
BLOCK DIAGRAM ...................................................................................................3
4.
PIN ASSIGNMENT ....................................................................................................4
5.
ELECTRICAL CHARACTERISTICS ......................................................................4
5.1.
ABSOLUTE MAXIMUM RATINGS.............................................................................. 4
5.2.
DC CHARACTERISTICS (TA=25℃).......................................................................... 5
6.
APPLICATION CIRCUIT .........................................................................................6
6.1.
CURRENT DAC APPLICATION WITH SINGLE-END MODE .......................................... 6
6.2.
PWM WITH DIFFERENTIAL MODE ........................................................................... 7
6.3.
PUSH-PULL DAC WITH SINGLE-END MODE ............................................................ 8
6.4.
PUSH-PULL DAC WITH DIFFERENTIAL MODE.......................................................... 9
6.5.
SINGLE-END WITH MIXED ............................................................................... 10
6.6.
DIFFERENTIAL MODE WITH MIXED ....................................................................... 11
7.
PACKAGE/PAD LOCATIONS ............................................................................... 12
7.1.
SNAP01H (DICE) ................................................................................................ 12
7.2.
SNAP01PG (DIP GREEN PACKAGE)..................................................................... 13
7.3.
SNAP01SG (SOP GREEN PACKAGE).................................................................... 14


Similar Part No. - SNAP01

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
SNAP-AIARMS E-OEC-SNAP-AIARMS Datasheet
1Mb / 46P
SNAP Analog Input Modules
SNAP-AICTD E-OEC-SNAP-AICTD Datasheet
1Mb / 46P
SNAP Analog Input Modules
SNAP-AICTD-4 E-OEC-SNAP-AICTD-4 Datasheet
1Mb / 46P
SNAP Analog Input Modules
SNAP-AICTD-8 E-OEC-SNAP-AICTD-8 Datasheet
1Mb / 46P
SNAP Analog Input Modules
SNAP-AIMA E-OEC-SNAP-AIMA Datasheet
1Mb / 46P
SNAP Analog Input Modules
More results

Similar Description - SNAP01

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2308P PTC-PT2308P Datasheet
278Kb / 12P
2-Channel 300mW Class AB Power Amplifier
PT2367 PTC-PT2367 Datasheet
149Kb / 4P
1W Class AB Audio Power Amplifier
PT2366 PTC-PT2366 Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
1W Class-AB Audio Power Amplifier
PT2308P PTC-PT2308P_09 Datasheet
273Kb / 8P
2-Channel 300mW Class AB Power Amplifier
PT2366 PTC-PT2366_10 Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
1W Class-AB Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CSC8005 YONGFUKANG-CSC8005 Datasheet
226Kb / 5P
AB/D class switching audio power amplifier
logo
Shenzhen Huazhimei Semi...
HM4890 HMSEMI-HM4890 Datasheet
760Kb / 11P
1 Watt CLASS-AB Audio Power Amplifier
logo
List of Unclassifed Man...
LTK8002D ETC-LTK8002D Datasheet
1Mb / 7P
Class AB Audio Amplifier
2014 V1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com