Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP01 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNAP01
Description  Class AB Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAP01 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNAP01 Datasheet HTML 1Page - SONiX Technology Company SNAP01 Datasheet HTML 2Page - SONiX Technology Company SNAP01 Datasheet HTML 3Page - SONiX Technology Company SNAP01 Datasheet HTML 4Page - SONiX Technology Company SNAP01 Datasheet HTML 5Page - SONiX Technology Company SNAP01 Datasheet HTML 6Page - SONiX Technology Company SNAP01 Datasheet HTML 7Page - SONiX Technology Company SNAP01 Datasheet HTML 8Page - SONiX Technology Company SNAP01 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SNAP01
Class AB Power Amplifier
Ver1.3
November 22, 2007
3
1. General Description
The SNAP01 is an integrated class AB mono speaker driver. The SNAP01
consist of single power supply, no switch-on/off click, high SNR ratio, power
control, single-end/differential input mode and support Gain adjusted by
external resistor.
2. Features
w
Operation voltage:2.4V-5.5V.
w
High signal-to-noise ratio.
w
Low distortion.
w
High slew rate.
w
No switch On/Off click.
w
Power off control.
w
Gain adjustment.
w
Large output voltage swing.
w
Direct driver speaker.
w
Support single-end and differential mode.
w
Low standby current:1.0
μA.
3. Block Diagram
5K
VIN
-
+
O-
75K
8K
O+
OPA
+
-
OPB
8K
Clickless/Depop CKT
Vbias
VREF
Enable
CE
Power CKT
GND
VDD
5K
75K
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com