Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1634 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS1634
Description  Quad LED Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1634 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS1634 Datasheet HTML 1Page - Micro Analog systems MAS1634 Datasheet HTML 2Page - Micro Analog systems MAS1634 Datasheet HTML 3Page - Micro Analog systems MAS1634 Datasheet HTML 4Page - Micro Analog systems MAS1634 Datasheet HTML 5Page - Micro Analog systems MAS1634 Datasheet HTML 6Page - Micro Analog systems MAS1634 Datasheet HTML 7Page - Micro Analog systems MAS1634 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 (8)
DA1634.001
28 November, 2008
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.3
6.0
V
Storage Temperature
TST
-55
+125
oC
Input Voltage
VIN
-0.3
VDD+0.3
V
Latch-up Current Limit
ILUT
For all pins (see note 1)
-100
100
mA
Stresses beyond those listed may cause permanent damage to the device. The device may not operate under these conditions, but it will
not be destroyed.
This is a CMOS device and therefore it should be handled carefully to avoid any damage by static voltages (ESD).
Note 1.
In latch-up testing the supply voltages are connected normally to the tested device. Then pulsed test current is fed to each input
separately and device current consumption is observed. If the device current consumption increases suddenly due to test current pulses
and the abnormally high current consumption continues after test current pulses are cut off then the device has gone to latch up. Current
pulse is turned on for 10 ms and off for 20 ms. Testing is done up to ± 300 mA.
ELECTRICAL CHARACTERISTICS
(Operating Conditions: VDD = 2.0V, Temperature = 25°C unless otherwise mentioned)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
1.0
2.0
3.1
V
Operating
Temperature
TA
-20
+25
+60
ºC
Standby Current
ISS
XPD = “0”
0.5
µA
Quiescent Current
ISC
XPD = “1”, OUTPUTS OFF (INx=”0”)
XPD = “1”, 1 OUTPUT ON
XPD = “1”, 2 OUTPUTS ON
XPD = “1”, 3 OUTPUTS ON
XPD = “1”, 4 OUTPUTS ON
140
270
390
500
0.5
300
500
700
900
µA
Current driver
ICD
XPD = “1”
VDD = 0.95V, OUT1-4 = 0.075V
VDD = 1.15V, OUT1-4 = 0.025V
VDD = 1.15V, OUT1-4 = 0.075V
VDD = 1.25V, OUT1-4 = 0.175V
VDD = 1.70V, OUT1-4 = 0.625V
1.4
1
1.4
1.4
1.4
2.1
1.8
2.1
2.1
2.1
4.5
4.0
3.45
3
3
mA
Leakage current of
an output
Ileak
VDD = 1.70 V, VOUT1-4 = VDD
VIN1-4 = GND
100
nA
Input high voltage
VIH
0.8*VDD
VDD
V
Input low voltage
VIL
GND
0.2*VDD
V
Start up time
tst
VDD = 1.15 V
15
50
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com