Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1634 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS1634
Description  Quad LED Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1634 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS1634 Datasheet HTML 1Page - Micro Analog systems MAS1634 Datasheet HTML 2Page - Micro Analog systems MAS1634 Datasheet HTML 3Page - Micro Analog systems MAS1634 Datasheet HTML 4Page - Micro Analog systems MAS1634 Datasheet HTML 5Page - Micro Analog systems MAS1634 Datasheet HTML 6Page - Micro Analog systems MAS1634 Datasheet HTML 7Page - Micro Analog systems MAS1634 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 (8)
DA1634.001
28 November, 2008
MAS1634
Quad LED Driver IC
Quad Current Sink Output
Wide Supply Voltage Range
Low Power Consumption
Power Down Control
DESCRIPTION
MAS1634 is a quad LED driver IC. It has four
constant current sink type outputs for driving up to
four LEDs. It has wide supply voltage range and low
power consumption ideally suitable for low power
applications. MAS1634 can be set into power down
mode by a power down control pin. The LED driver
control inputs have pull down resistors and which are
disabled in the power down mode.
FEATURES
APPLICATIONS
Quad Current Sink Output, 2.1 mA typ
Wide Supply Voltage Range from 1.0 V to 3.1 V
Low Power Consumption
Power Down Control
LED Driver for Portable Low Power Application
IR LED Driver for Optical Hand Position Detection
of Radio Controlled Watch


Similar Part No. - MAS1634

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS1641 MAS-MAS1641 Datasheet
767Kb / 14P
Capacitance Change Detection with Piezo Alarm
MAS1641CA1Q1306 MAS-MAS1641CA1Q1306 Datasheet
767Kb / 14P
Capacitance Change Detection with Piezo Alarm
MAS1641CA1WAD00 MAS-MAS1641CA1WAD00 Datasheet
767Kb / 14P
Capacitance Change Detection with Piezo Alarm
MAS1641CA1WAD05 MAS-MAS1641CA1WAD05 Datasheet
767Kb / 14P
Capacitance Change Detection with Piezo Alarm
More results

Similar Description - MAS1634

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6955 PTC-PT6955 Datasheet
25Kb / 3P
LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC6803Q FUMAN-SC6803Q Datasheet
245Kb / 9P
LED driver IC
logo
Princeton Technology Co...
PT6967 PTC-PT6967 Datasheet
1Mb / 6P
LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com