Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1634 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS1634
Description  Quad LED Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1634 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS1634 Datasheet HTML 1Page - Micro Analog systems MAS1634 Datasheet HTML 2Page - Micro Analog systems MAS1634 Datasheet HTML 3Page - Micro Analog systems MAS1634 Datasheet HTML 4Page - Micro Analog systems MAS1634 Datasheet HTML 5Page - Micro Analog systems MAS1634 Datasheet HTML 6Page - Micro Analog systems MAS1634 Datasheet HTML 7Page - Micro Analog systems MAS1634 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 (8)
DA1634.001
28 November, 2008
MAS1634 PAD LAYOUT
VDD1
XPD
IN1
IN2
IN3
IN4
VDD2
GND1
DUMMY
OUT1
OUT2
OUT3
OUT4
GND2
1580 µm (X-scribe line width 100 µm)
MAS1634
DIE size = 1.58 mm x 1.66 mm; PAD size = 90 µm x 90 µm
Note:
Because the substrate of the die is internally connected to VSS, the die has to be connected to VSS or left
floating. Please make sure that GND1 and GND2 are the first pads to be bonded. Pick-and-place and all
component assembly are recommended to be performed in ESD protected area.
MAS1634 PAD COORDINATES
Note:
Coordinates are pad center points where origin has been located in bottom-left corner of the silicon die.
Pad Identification
Name
X-coordinate
Y-coordinate
Note
Positive Power Supply
VDD1
158 µm
1435 µm
1
Power Down Input
XPD
158 µm
1225 µm
3
LED Current Driver Input 1
IN1
158 µm
1014 µm
4
LED Current Driver Input 2
IN2
158 µm
814 µm
4
LED Current Driver Input 3
IN3
158 µm
603 µm
4
LED Current Driver Input 4
IN4
158 µm
392 µm
4
Positive Power Supply
VDD2
158 µm
182 µm
1
Power Supply Ground
GND1
1422 µm
1435 µm
2
Unused Dummy Pad
DUMMY
1422 µm
1225 µm
5
LED Current Driver Output 1
OUT1
1422 µm
1014 µm
LED Current Driver Output 2
OUT2
1422 µm
814 µm
LED Current Driver Output 3
OUT3
1422 µm
603 µm
LED Current Driver Output 4
OUT4
1422 µm
392 µm
Power Supply Ground
GND2
1422 µm
182 µm
2
Notes:
1) Keep VDD1 and VDD2 in same potential since both are internally connected together. Due to internal
connection it is only necessary to connect at least one of the two VDD pins to supply voltage.
2) Keep GND1 and GND2 in same potential since both are internally connected together. Due to internal
connection it is only necessary to connect at least one of the two GND pins to supply ground.
3) Power down mode when XPD is low and operating mode when XPD is high.
4) Each led driver input has 1.7MΩ ± 15% pull-down resistor but which are in an inactive high impedance state
if the XPD input is low (i.e. power down mode). This is the reason why XPD pin requires external control to
achieve properly controlled operation.
5) Dummy pad is electrically unconnected and its only purpose is to make pad layout symmetrical.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com