Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1634 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS1634
Description  Quad LED Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1634 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS1634 Datasheet HTML 1Page - Micro Analog systems MAS1634 Datasheet HTML 2Page - Micro Analog systems MAS1634 Datasheet HTML 3Page - Micro Analog systems MAS1634 Datasheet HTML 4Page - Micro Analog systems MAS1634 Datasheet HTML 5Page - Micro Analog systems MAS1634 Datasheet HTML 6Page - Micro Analog systems MAS1634 Datasheet HTML 7Page - Micro Analog systems MAS1634 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 (8)
DA1634.001
28 November, 2008
FUNCTIONAL DESCRIPTION
N
N
N
N Main Functions
MAS1634 has two functional blocks. First is the LED
driver
to drive LEDs in a wrist watch applications.
Second is Bias voltage generator for generating bias
current for the drivers
N Operating Modes
MAS1634 has two operating modes. These modes
are simply ON and OFF modes.
ON mode is selected when XPD is high. In ON
mode each of the four output drivers can be
switched on separately by setting each of the INx
control inputs high. If control input is low the
corresponding current output driver is off. If all
control inputs are low the bias generator is turned
off.
OFF mode is selected when XPD is low. In OFF
mode the bias generator and the current drivers are
in power down.
The device has two supply voltage pins VDD1 and
VDD2 and which are internally connected. It is
sufficient to connect only one of the two supply pins
but if both supplies are connected then they should
be connected to same voltage potential.
The device has also two supply ground pins GND1
and GND2 and which are internally connected. It is
sufficient to connect only one of the two ground pins
but if both grounds are connected then they should
be connected to same ground potential.
N
N
N
N Inverting input buffer
The inverting buffers buffer the input signals. These
blocks also contain pull-down resistors and they are
switched in an inactive high impedance state if the
XPD input is low.
If the XPD pin is high then the INx inputs have pull
down by the pull down resistors. Nominally the
values of the pull down resistors are 1.7 M
but
they can vary ±15%.
The XPD input doesn’t have pull down resistor so
this input must be driven by the controller or be
connected to VDD (always ON mode) in order to
achieve properly controlled operation.
N
N
N
N Output Driver
Four switchable low-voltage 2.1 mA constant current
sinks
with
very
low
drop-out
voltage
are
implemented to drive external VDD connected
LEDs.
N
N
N
N Bias Generator
Bias voltage generator supplies bias current for the
output drivers. It is turned on if XPD is high and if
any of the four control inputs is high.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com