Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266N Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TDA7266N
Description  77W DUAL BRIDGE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7266N Datasheet(HTML) 4 Page - Unisonic Technologies

  TDA7266N Datasheet HTML 1Page - Unisonic Technologies TDA7266N Datasheet HTML 2Page - Unisonic Technologies TDA7266N Datasheet HTML 3Page - Unisonic Technologies TDA7266N Datasheet HTML 4Page - Unisonic Technologies TDA7266N Datasheet HTML 5Page - Unisonic Technologies TDA7266N Datasheet HTML 6Page - Unisonic Technologies TDA7266N Datasheet HTML 7Page - Unisonic Technologies TDA7266N Datasheet HTML 8Page - Unisonic Technologies TDA7266N Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TDA7266N
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R107-061.A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
20
V
Output Peak Current (internally limited)
IOUT
2
A
Power Dissipation (Ta =70°C)
PD
20
W
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
0 ~ +70
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
48
°C/W
Junction to Case
θJC
2.5
°C/W
ELECTRICAL CHARACTERISTICS(VCC=11V, RL =8Ω, f=1kHz, Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Range
VCC
3
11
18
V
Output Offset Voltage
VO(OFF)
120
mV
Total Output Noise Voltage
eN
A curve, f=20Hz~20kHz
150
μV
Total Quiescent Current
IQ
48
65
mA
Input Resistance
RIN
25
30
kΩ
Output Power
POUT
THD=10%
6.3
7
W
POUT=1W
0.05
0.2
%
Total Harmonic Distortion
THD
POUT=0.1~2W, f=100Hz~15kHz
1
%
Crosstalk
CT
46
60
dB
Closed Loop Voltage Gain
Gv
25
26
27
dB
Voltage Gain Matching
Gv
0.5
dB
Supply Voltage Rejection
SVR
f=100Hz, VR=0.5V
40
56
dB
Thermal Threshold
Tt
150
°C
MUTE FUNCTION
for VCC>6.4V, VOUT= -30dB
2.3
2.9
4.1
V
Mute Threshold
VMTHD
for VCC<6.4V, VOUT= -30dB
VCC/2-1.0 VCC/2-0.75 VCC/2-0.5
V
Mute Attenuation
AMUTE
60
80
dB
STAND BY FUNCTION
STAND-BY Threshold
VTST-BY
0.8
1.3
1.8
V
STAND-BY Current V6=GND
IST-BY
100
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com