Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266N Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TDA7266N
Description  77W DUAL BRIDGE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7266N Datasheet(HTML) 1 Page - Unisonic Technologies

  TDA7266N Datasheet HTML 1Page - Unisonic Technologies TDA7266N Datasheet HTML 2Page - Unisonic Technologies TDA7266N Datasheet HTML 3Page - Unisonic Technologies TDA7266N Datasheet HTML 4Page - Unisonic Technologies TDA7266N Datasheet HTML 5Page - Unisonic Technologies TDA7266N Datasheet HTML 6Page - Unisonic Technologies TDA7266N Datasheet HTML 7Page - Unisonic Technologies TDA7266N Datasheet HTML 8Page - Unisonic Technologies TDA7266N Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TDA7266N
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R107-061.A
7+7W DUAL BRIDGE
AMPLIFIER
DESCRIPTION
The UTC TDA7266N is a 7+7W dual bridge amplifier. This
device is suitable for applications, such as TV and Portable Radio
apparatus.
FEATURES
* Internally-fixed gain
* Power supply varies from 3V to 18V
* With minimum external components required:
No SWR capacitor
No bootstrap
No boucherot cells
* STAND-BY and MUTE functions
* Protection circuit required:
Short circuit protection
Thermal overload protection
HZIP-15D
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
TDA7266NL-J15-D-T
TDA7266NG-J15-D-T
HZIP-15D
Tube


Similar Part No. - TDA7266N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
120Kb / 9P
77W DUAL BRIDGE AMPLIFIER
2002-Mar
logo
Unisonic Technologies
TDA7266 UTC-TDA7266 Datasheet
153Kb / 7P
77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Unisonic Technologies
TDA7266 UTC-TDA7266 Datasheet
257Kb / 8P
77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
244Kb / 17P
7 7 W dual bridge amplifier
18-Jun-2019
More results

Similar Description - TDA7266N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM383 NSC-LM383 Datasheet
92Kb / 6P
7W Audio Power Amplifier
logo
STMicroelectronics
TBA810P STMICROELECTRONICS-TBA810P Datasheet
70Kb / 3P
7W AUDIO AMPLIFIER
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
120Kb / 9P
77W DUAL BRIDGE AMPLIFIER
2002-Mar
TDA7266M STMICROELECTRONICS-TDA7266M Datasheet
109Kb / 9P
7W MONO BRIDGE AMPLIFIER
1998-Aug
logo
Sanyo Semicon Device
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
AF Power Amplifier (7W 7W min, THD = 1.0%)
logo
NEC
UPC1242H NEC-UPC1242H Datasheet
368Kb / 7P
7W AF POWER AMPLIFIER
logo
Unisonic Technologies
TDA7266 UTC-TDA7266 Datasheet
153Kb / 7P
77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Unisonic Technologies
TDA7266 UTC-TDA7266_10 Datasheet
257Kb / 8P
77W DUAL BRIDGE AMPLIFIER
TDA7266 UTC-TDA7266_15 Datasheet
257Kb / 8P
7W DUAL BRIDGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com