Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266N Datasheet(PDF) 6 Page - Unisonic Technologies

Part # TDA7266N
Description  77W DUAL BRIDGE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7266N Datasheet(HTML) 6 Page - Unisonic Technologies

  TDA7266N Datasheet HTML 1Page - Unisonic Technologies TDA7266N Datasheet HTML 2Page - Unisonic Technologies TDA7266N Datasheet HTML 3Page - Unisonic Technologies TDA7266N Datasheet HTML 4Page - Unisonic Technologies TDA7266N Datasheet HTML 5Page - Unisonic Technologies TDA7266N Datasheet HTML 6Page - Unisonic Technologies TDA7266N Datasheet HTML 7Page - Unisonic Technologies TDA7266N Datasheet HTML 8Page - Unisonic Technologies TDA7266N Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TDA7266N
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R107-061.A
APPLICATION SUGGESTION(Cont.)
+18
+Vcc(V)
VIN (mV)
1.8
1.3
0.8
VMUTE
Pin 6
VST-BY
Pin 7
4.1
2.9
2.3
IQ (mA)
VOUT (V)
OFF
ST-BY
MUTE
PLAY
MUTE
ST-BY
OFF
Fig 2. Microprocessor Driving Signals



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com