Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266N Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TDA7266N
Description  77W DUAL BRIDGE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7266N Datasheet(HTML) 5 Page - Unisonic Technologies

  TDA7266N Datasheet HTML 1Page - Unisonic Technologies TDA7266N Datasheet HTML 2Page - Unisonic Technologies TDA7266N Datasheet HTML 3Page - Unisonic Technologies TDA7266N Datasheet HTML 4Page - Unisonic Technologies TDA7266N Datasheet HTML 5Page - Unisonic Technologies TDA7266N Datasheet HTML 6Page - Unisonic Technologies TDA7266N Datasheet HTML 7Page - Unisonic Technologies TDA7266N Datasheet HTML 8Page - Unisonic Technologies TDA7266N Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TDA7266N
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R107-061.A
APPLICATION SUGGESTION
1.
For Microprocessor Application
In order to avoid annoying "Pop-Noise" during Turn-On/Off transients, it is necessary to guarantee the right
St-by and mute signals sequence. It is quite simple to obtain this function using a microprocessor.
UTC
TDA7266N
C5
470μF
C6
100nF
Vcc
13
3
1
2
15
14 OUT2-
OUT2+
OUT1-
OUT1+
PW-GND
MUTE
IN2
ST-BY
IN1
S-GND
7
4
9
12
6
8
C1
0.22μF
R1
10k
C2
10μF
C3
0.22μF
R2
10k
C4
1μF
μP
Fig 1. Microprocessor Application



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com