Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7581MATR Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC7581MATR
Description  Line Card Access Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7581MATR Datasheet(HTML) 1 Page - Clare, Inc.

  CPC7581MATR Datasheet HTML 1Page - Clare, Inc. CPC7581MATR Datasheet HTML 2Page - Clare, Inc. CPC7581MATR Datasheet HTML 3Page - Clare, Inc. CPC7581MATR Datasheet HTML 4Page - Clare, Inc. CPC7581MATR Datasheet HTML 5Page - Clare, Inc. CPC7581MATR Datasheet HTML 6Page - Clare, Inc. CPC7581MATR Datasheet HTML 7Page - Clare, Inc. CPC7581MATR Datasheet HTML 8Page - Clare, Inc. CPC7581MATR Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DS-CPC7581-R05
www.clare.com
1
Features
• Small 16-pin SOIC or DFN package
• DFN package printed-circuit board footprint is 60
percent smaller than the SOIC version, 40 percent
smaller than fourth generation EMR solutions.
• Monolithic IC reliability
• Low, matched R
ON
• Eliminates the need for zero-cross switching
• Flexible switch timing for transition from ringing
mode to idle/talk mode.
• Clean, bounce-free switching
• Tertiary protection consisting of integrated current
limiting, thermal shutdown for SLIC protection
• 5 V operation with power consumption < 10 mW
• Intelligent battery monitor
• Latched logic-level inputs, no external drive circuitry
required
• SOIC package pin-compatible with Legerity product
Applications
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks
Description
The CPC7581 is a monolithic solid-state four-pole
switch in a 16-pin package. It provides the necessary
functions to replace a 2-Form-C electromechanical
relay on traditional analog and integrated voice and
data (IVD) line cards found in central office, access, and
PBX equipment. The CPC7581 contains solid-state
switches for tip and ring lead line break and ringing
injection/ringing return. The device requires only a +5 V
supply and offers break-before-make and
make-before-break operation using logic-level inputs.
The CPC7581xA versions include an SCR that
provides protection to the SLIC and subsequent
circuitry during a fault condition. The CPC7581xC
versions are functionally identical to the CPC7581xA
versions, but with higher SCR hold current.
Ordering Information
Figure 1. CPC7581 Block Diagram
CPC7581 x x xx
B - 16-pin SOIC delivered 50/Tube, 1000/Reel
M - 16-pin DFN delivered 52/Tube, 1000/Reel
A - With Protection SCR
B - Without Protection SCR
C - With Protection SCR and higher SCR hold current
TR - Add for Tape & Reel Version
CPC7581 part numbers are specified as shown here:
CPC7581
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
RINGING
T
SD
LATCH
3
6
14
2
7
8
9
16
1
12
15
10
11
L
A
T
C
H
Switch
Control
Logic
SCR and
Trip Circuit
(CPC7581xA/C)
Secondary
Protection
+5 Vdc
Tip
Ring
SLIC
X
X
X
X
SW2
SW4
V
BAT
RINGING
300
(min.)
Ω
T
RING
SW3
SW1
RoHS
2002/95/EC
e3
Pb
Not for New Designs
CPC7581
Line Card Access Switch


Similar Part No. - CPC7581MATR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581 Datasheet
218Kb / 15P
Clean, Bounce-Free Switching
logo
Clare, Inc.
CPC7581BA CLARE-CPC7581BA Datasheet
122Kb / 12P
Line Card Access Switch
logo
IXYS Corporation
CPC7581BA IXYS-CPC7581BA Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7581BA IXYS-CPC7581BA Datasheet
218Kb / 15P
Clean, Bounce-Free Switching
More results

Similar Description - CPC7581MATR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com