Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7581MATR Datasheet(PDF) 12 Page - Clare, Inc.

Part # CPC7581MATR
Description  Line Card Access Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7581MATR Datasheet(HTML) 12 Page - Clare, Inc.

Back Button CPC7581MATR Datasheet HTML 8Page - Clare, Inc. CPC7581MATR Datasheet HTML 9Page - Clare, Inc. CPC7581MATR Datasheet HTML 10Page - Clare, Inc. CPC7581MATR Datasheet HTML 11Page - Clare, Inc. CPC7581MATR Datasheet HTML 12Page - Clare, Inc. CPC7581MATR Datasheet HTML 13Page - Clare, Inc. CPC7581MATR Datasheet HTML 14Page - Clare, Inc. CPC7581MATR Datasheet HTML 15Page - Clare, Inc. CPC7581MATR Datasheet HTML 16Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
CPC7581
12
www.clare.com
R05
return to normal operation. If the transient has not
passed, current will flow at the value allowed by the
dynamic DC current limiting of the switches and
heating will begin again, reactivating the thermal
shutdown mechanism. This cycle of entering and
exiting the thermal shutdown mode will continue as
long as the fault condition persists. If the magnitude of
the fault condition is great enough, the external
secondary protector could activate and shunt all
current to ground.
The TSD pin is a pull-up current source with a nominal
value of 300
μA biased from V
DD. For applications
using low-voltage logic devices (lower than VDD),
Clare recommends the use of an open-drain type
output to control TSD. This avoids sinking the TSD bias
current to ground during normal operation when the
all-off state is not required.
2.5 Ringing Switch Zero-Cross
Current Turn Off
After the application of a logic input to turn SW4 off,
the ringing switch is designed to delay the change in
state until the next zero-crossing. Once on, the switch
requires a zero-current cross to turn off, and therefore
should not be used to switch a pure DC signal. The
switch will remain in the on state no matter the logic
input until the next zero crossing. These switching
characteristics will reduce and possibly eliminate
overall system impulse noise normally associated with
ringing switches. See Clare application note AN-144,
Impulse Noise Benefits of Line Card Access Switches for
more information. The attributes of ringing switch SW4
may make it possible to eliminate the need for a
zero-cross switching scheme. A minimum impedance
of 300
Ω in series with the ring generator is
recommended.
2.6 Power Supplies
Both a +5 V supply and battery voltage are connected
to the CPC7581. CPC7581 switch state control is
powered exclusively by the +5 V supply. As a result,
the CPC7581 exhibits extremely low power dissipation
during both active and all-off states.
The battery voltage is not used for switch control but
rather as a supply for the integrated secondary
protection circuitry. The integrated SCR is designed to
trigger when pin 2 (TBAT) or pin 15 (RBAT) drops 2 to
4 V below the voltage on pin 16 (VBAT). This trigger
prevents a fault-induced overvoltage event at the TBAT
or RBAT nodes.
2.7 Battery Voltage Monitor
The CPC7581 also uses the VBAT voltage to monitor
battery voltage. If system battery voltage is lost, the
CPC7581 immediately enters the all-off state. It
remains in this state until the battery voltage is
restored. The device also enters the all-off state if the
system battery voltage goes more positive than –10 V,
and remains in the all-off state until the battery voltage
goes more negative than –15 V. This battery monitor
feature draws a small current from the battery (less
than 1
μA typical) and adds slightly to the device’s
overall power dissipation.
Due to the nature of the internal protection circuitry,
the VBAT pin can be biased via potentials applied to
TBAT or RBAT. This allows the CPC7581 switches to
operate, but offers no transient protection. The supply
voltage applied to VBAT should therefor be the same
supply voltage applied to the line driver device.
2.8 Protection
2.8.1 Diode Bridge/SCR
The CPC7581 uses a combination of current limited
break switches, a diode bridge/SCR clamping circuit,
and a thermal shutdown mechanism to protect the
SLIC device or other associated circuitry from damage
during line transient events such as lightning. During a
positive transient condition, the fault current is
conducted through the diode bridge to ground via
FGND. Voltage is clamped to a diode drop above
ground. During a negative transient of 2 to 4 V more
negative than the battery, the SCR conducts and faults
are shunted to FGND via the SCR or the diode bridge.
In order for the SCR to crowbar (or foldback), the on
voltage (see “Protection Circuitry Electrical
Specifications” on page 9) of the SCR must be less
negative than the battery reference voltage. If the
battery voltage is less negative than the SCR on
voltage, or if the VBAT supply is unable to source the
trigger current, the SCR will not crowbar.
For power induction or power-cross fault conditions,
the positive cycle of the transient is clamped to a diode
drop above ground and the fault current directed to
ground. The negative cycle of the transient will cause
the SCR to conduct when the voltage exceeds the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com