Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7581MATR Datasheet(PDF) 15 Page - Clare, Inc.

Part # CPC7581MATR
Description  Line Card Access Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7581MATR Datasheet(HTML) 15 Page - Clare, Inc.

Back Button CPC7581MATR Datasheet HTML 9Page - Clare, Inc. CPC7581MATR Datasheet HTML 10Page - Clare, Inc. CPC7581MATR Datasheet HTML 11Page - Clare, Inc. CPC7581MATR Datasheet HTML 12Page - Clare, Inc. CPC7581MATR Datasheet HTML 13Page - Clare, Inc. CPC7581MATR Datasheet HTML 14Page - Clare, Inc. CPC7581MATR Datasheet HTML 15Page - Clare, Inc. CPC7581MATR Datasheet HTML 16Page - Clare, Inc. CPC7581MATR Datasheet HTML 17Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
CPC7581
R05
www.clare.com
15
3.2 Printed-Circuit Board Layout
3.2.1 SOIC
3.2.2 DFN
As the metallic pad on the bottom of the DFN package
is connected to the substrate of the die, Clare
recommends that no printed circuit board traces or
vias be placed under this area.
2.00
(0.079)
1.27
(0.050)
mm
(inches)
DIMENSIONS
9.40
(0.370)
0.60
(0.024)
DIMENSIONS
mm
(inches)
5.80
(0.228)
0.35
(0.014)
1.05
(0.041)
0.80
(0.031)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com