Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7581MATR Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC7581MATR
Description  Line Card Access Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7581MATR Datasheet(HTML) 3 Page - Clare, Inc.

  CPC7581MATR Datasheet HTML 1Page - Clare, Inc. CPC7581MATR Datasheet HTML 2Page - Clare, Inc. CPC7581MATR Datasheet HTML 3Page - Clare, Inc. CPC7581MATR Datasheet HTML 4Page - Clare, Inc. CPC7581MATR Datasheet HTML 5Page - Clare, Inc. CPC7581MATR Datasheet HTML 6Page - Clare, Inc. CPC7581MATR Datasheet HTML 7Page - Clare, Inc. CPC7581MATR Datasheet HTML 8Page - Clare, Inc. CPC7581MATR Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CPC7581
R05
www.clare.com
3
1. Specifications
1.1 Package Pinout
1.2 Pinout
CPC7581
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
T
BAT
DD
F
GND
T
LINE
NC
NC
T
RINGING
V
T
SD
V
BAT
R
BAT
R
LINE
NC
R
RINGING
LATCH
RINGING
IN
DGND
Pin
Name
Description
1
FGND
Fault ground
2
TBAT
Tip lead of the SLIC
3
TLINE
Tip lead of the line side
4
NC
No connection
5
NC
No connection
6
TRINGING
Ringing generator return
7
VDD
+5 V supply
8
TSD
Temperature shutdown pin
9
DGND
Digital ground
10
INRINGING Logic control input
11
LATCH
Data latch enable control input
12
RRINGING
Ringing generator source
13
NC
No connection
14
RLINE
Ring lead of the line side
15
RBAT
Ring lead of the SLIC
16
VBAT
Battery supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com