Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4657IQT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4657IQT
Description  Single supply stereo digital audio line driver with 2.2 Vrms capless outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4657IQT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS4657IQT Datasheet HTML 2Page - STMicroelectronics TS4657IQT Datasheet HTML 3Page - STMicroelectronics TS4657IQT Datasheet HTML 4Page - STMicroelectronics TS4657IQT Datasheet HTML 5Page - STMicroelectronics TS4657IQT Datasheet HTML 6Page - STMicroelectronics TS4657IQT Datasheet HTML 7Page - STMicroelectronics TS4657IQT Datasheet HTML 8Page - STMicroelectronics TS4657IQT Datasheet HTML 9Page - STMicroelectronics TS4657IQT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Electrical characteristics
TS4657
6/26
3
Electrical characteristics
3.1
Power characteristics
3.2
Package thermal characteristics
Table 3.
VCC = 3.3 V T = 25° C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Power supply
3.0
5.5
V
ICC
Total supply current.
Full operation, RL =10KΩ, vstdby
≥ 2.0 V
VCC =3.0 V
VCC =5.0 V
7.4
8
9.5
9.8
mA
ICCstby
Standby current consumption. VCC = 3 V to VCC =5.5 V
Vstdby = 0 V
Vstdby = 0.8 V
25
50
1000
2000
nA
Table 4.
Operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
Rthja
Thermal resistance junction to ambient for QFN20(1)
1.
With heat sink surface = 125 mm2.
40
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com