Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4657IQT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS4657IQT
Description  Single supply stereo digital audio line driver with 2.2 Vrms capless outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4657IQT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS4657IQT Datasheet HTML 4Page - STMicroelectronics TS4657IQT Datasheet HTML 5Page - STMicroelectronics TS4657IQT Datasheet HTML 6Page - STMicroelectronics TS4657IQT Datasheet HTML 7Page - STMicroelectronics TS4657IQT Datasheet HTML 8Page - STMicroelectronics TS4657IQT Datasheet HTML 9Page - STMicroelectronics TS4657IQT Datasheet HTML 10Page - STMicroelectronics TS4657IQT Datasheet HTML 11Page - STMicroelectronics TS4657IQT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical characteristics
TS4657
8/26
3.3.1
Terminology
SNR: signal-to-noise ratio is expressed in dB. The theoretical formula is:
where Vnoise is the integrated noise from 20 Hz to 20 kHz and VH1 is the fundamental of the
signal.
For unweighted measurements, the SNR is given by:
where vnoise is the noise spectral density and u(f) is the unweighted filter transfer function
(20 Hz, 20 kHz).
For A-weighted measurements:
where vnoise is the noise spectral density and A(f) is the A-weighted filter transfer function.
Table 7.
VCC =5V, Rload= 10 kΩ, Cload = 100 pF, T = 25° C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
DR
Dynamic range; A-weighted
16-bit data; measured at -60 dBFS, FS =48kHz, Fin = 1 kHz
88
93
dB
SNR
Signal-to-noise ratio, FS =48 kHz, Fin = 1 kHz, referred to
output
Vin at -6 dBFS; A-weighted, 18-bit data input
Vin at -6 dBFS; unweighted, 18-bit data input
Vin at 0 dBFS; A-weighted, 16-bit data input
89
95
93
93
dB
THD+N
Total harmonic distortion and noise. Fin = 1 kHz
Vin at -20 dBFS
Vin at -6 dBFS
Vin at 0 dBFS
74
72
82.5
81.5
dB
PSRR
Power supply rejection ratio, Vripple = 200 mVpp
F= 217 Hz
F= 1 kHz
20 Hz < F < 20 kHz
80
73
48
dB
LRiso
Channel separation. 1 kHz, Vin at 0 dBFS
100
dB
Voo
Output offset voltage
-20
20
mV
Gain channel balance
-0.2
0.01
0.2
dB
twu
Wake-up time(1)
34.5
6
ms
1.
See timing diagram in application information.
SNR
dB
10
VH
1
2
V
noise
2
-------------------
⎝⎠
⎜⎟
⎛⎞
log
=
SNR
dB
10
VH
1
2
uf
() v
noise f
()
()
2
f
d
20Hz
20kHz
∫
----------------------------------------------------------------------
log
=
SNR
dB
A
10
VH
1
2
Af
() v
noise f
()
()
2
f
d
20Hz
20kHz
∫
-----------------------------------------------------------------------
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com