Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4657IQT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS4657IQT
Description  Single supply stereo digital audio line driver with 2.2 Vrms capless outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4657IQT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS4657IQT Datasheet HTML 15Page - STMicroelectronics TS4657IQT Datasheet HTML 16Page - STMicroelectronics TS4657IQT Datasheet HTML 17Page - STMicroelectronics TS4657IQT Datasheet HTML 18Page - STMicroelectronics TS4657IQT Datasheet HTML 19Page - STMicroelectronics TS4657IQT Datasheet HTML 20Page - STMicroelectronics TS4657IQT Datasheet HTML 21Page - STMicroelectronics TS4657IQT Datasheet HTML 22Page - STMicroelectronics TS4657IQT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
TS4657
Application information
19/26
4
Application information
4.1
Serial audio interface
4.1.1
Master clock and data clocks
Three external clock signals are applied to the TS4657. The MCLK is the external master
clock applied by the audio data processor. The LRCLK is the channel frequency, also called
LEFT/RIGHT clock, at which the digital words for each channel are input to the device. The
LRCLK clock is the sample rate of the audio data. The ratio MCLK/LRCLK must be an
integer as shown in Table 9.
The BCLK is the bit clock and represents the clock at which the audio data is serially shifted
into the audio port. BCLK is linked to LRCLK. The minimum required BCLK frequency is
twice the audio sample rate times the number of bits in each audio word. Refer to Table 10
for the BCLK/LRCLK ratio.
MCLK, LRCLK and BCLK must be synchronous clock signals.
4.1.2
Digital audio input format
The TS4657 receives serial digital audio data through a 3-wire interface. SDAT is the serial
audio data input. The data is entered MSB first and is a two’s complement. The data can be
I2S, right or left justified. The data format is chosen with the control pins FORMAT1 and
FORMAT2 as detailed in Table 10.
Figure 50 on page 20 summarizes the implementation of the audio data format.
Table 9.
Audio data sampling rates
LRCLK (kHz)
MCLK (MHz)
256x
32
8.192
44.1
11.2896
48
12.288
Table 10.
Digital audio data formats supported by the TS4657
FORMAT2
FORMAT1
Data Format
BCLK/LRCLK ratio
Min
Max
00
Right-justified, 16-bit data
Data valid on rising edge of BCLK
32
256
01
Right-justified, 24-bit data
Data valid on rising edge of BCLK
48
256
10
Left-Justified, 16-bit up to 24-bit data
Data valid on rising edge of BCLK
2 x number of bits of data
256
11
I²S, 16-bit up to 24-bit data
Data valid on rising edge of BCLK
2 x number of bits of data
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com