Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4657IQT Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4657IQT
Description  Single supply stereo digital audio line driver with 2.2 Vrms capless outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4657IQT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4657IQT Datasheet HTML 16Page - STMicroelectronics TS4657IQT Datasheet HTML 17Page - STMicroelectronics TS4657IQT Datasheet HTML 18Page - STMicroelectronics TS4657IQT Datasheet HTML 19Page - STMicroelectronics TS4657IQT Datasheet HTML 20Page - STMicroelectronics TS4657IQT Datasheet HTML 21Page - STMicroelectronics TS4657IQT Datasheet HTML 22Page - STMicroelectronics TS4657IQT Datasheet HTML 23Page - STMicroelectronics TS4657IQT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Application information
TS4657
20/26
Figure 50. Audio interface formats managed by the TS4657
4.2
Power-management unit
The TS4657 utilizes a power-management unit to supply its internal structures.
A self-generated negative supply enables the drivers to be powered from positive and
negative supplies, therefore increasing the amplitude of the output signal. This internal
negative supply switches at a higher frequency than traditional architectures, derived from
the master clock MCLK. This structure uses an original design that enables one to suppress
the flying or floating capacitors. Therefore, only four small ceramic X5R 10V 1-µF
decoupling capacitors are necessary for VCCA/VCCD and VREGA/VREGD.
Furthermore, the self-generated negative supply allows the amplifier outputs to be centered
around zero, thus the bulky output coupling capacitors can be removed.
LRCLK
SDAT
BCLK
LEFT
RIGHT
0
1
15
14
MSB
LSB
16
1
14
MSB
LSB
16-bit word right data
015
16-bit Right justified data format: pin FORMAT1 = VIL, FORMAT2 = VIL
LRCLK
SDAT
BCLK
LEFT
RIGHT
0
1
n-1
n-2
MSB
LSB
n-bit word left data
1
n-2
MSB
LSB
n-bit word right data
0n-1
Up to 24-bit left-justified data format: pin FORMAT1 = VIL, FORMAT2 = VIH
-bit word left data
LRCLK
SDAT
BCLK
LEFT
RIGHT
0
1
n-1
n-2
MSB
LSB
32-bit word left data
1
n-2
MSB
LSB
32-bit word right data
0
n-1
Up to 24-bit I²S data format: pin FORMAT1 = VIH, FORMAT2 = VIH
LRCLK
SDAT
BCLK
LEFT
RIGHT
0
1
n-1
n-2
MSB
LSB
n-bit word left data
1
n-2
MSB
LSB
n-bit word right data
0n-1
24-bit right-justified data format: pin FORMAT1 = VIH, FORMAT2 = VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com