Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S024 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS853S024
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S024 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS853S024 Datasheet HTML 1Page - Integrated Device Technology ICS853S024 Datasheet HTML 2Page - Integrated Device Technology ICS853S024 Datasheet HTML 3Page - Integrated Device Technology ICS853S024 Datasheet HTML 4Page - Integrated Device Technology ICS853S024 Datasheet HTML 5Page - Integrated Device Technology ICS853S024 Datasheet HTML 6Page - Integrated Device Technology ICS853S024 Datasheet HTML 7Page - Integrated Device Technology ICS853S024 Datasheet HTML 8Page - Integrated Device Technology ICS853S024 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ICS853S024
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
PRELIMINARY
LOW SKEW LVPECL FANOUT BUFFER
2
ICS853S024AY REV. A APRIL 30, 2008
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 16, 18, 31, 33,
34, 50, 63, 64
VCC
Power
Power supply pins.
2, 15, 17, 32, 49
VEE
Power
Negative supply pins.
3, 4
Q0, nQ0
Output
Differential clock outputs. LVPECL interface levels.
5, 6
Q1, nQ1
Output
Differential clock outputs. LVPECL interface levels.
7, 8
Q2, nQ2
Output
Differential clock outputs. LVPECL interface levels.
9, 10
Q3, nQ3
Output
Differential clock outputs. LVPECL interface levels.
11, 12
Q4, nQ4
Output
Differential clock outputs. LVPECL interface levels.
13, 14
Q5, nQ5
Output
Differential clock outputs. LVPECL interface levels.
19, 20
Q6, nQ6
Output
Differential clock outputs. LVPECL interface levels.
21, 22
Q7, nQ7
Output
Differential clock outputs. LVPECL interface levels.
23, 24
Q8, nQ8
Output
Differential clock outputs. LVPECL interface levels.
25, 26
Q9, nQ9
Output
Differential clock outputs. LVPECL interface levels.
27, 28
Q10, nQ10
Output
Differential clock outputs. LVPECL interface levels.
29, 30
Q11, nQ11
Output
Differential clock outputs. LVPECL interface levels.
35, 36
Q12, nQ12
Output
Differential clock outputs. LVPECL interface levels.
37, 38
Q13, nQ13
Output
Differential clock outputs. LVPECL interface levels.
39, 40
Q14, nQ14
Output
Differential clock outputs. LVPECL interface levels.
41, 42
Q15, nQ15
Output
Differential clock outputs. LVPECL interface levels.
43, 44
Q16, nQ16
Output
Differential clock outputs. LVPECL interface levels.
45, 46
Q17, nQ17
Output
Differential clock outputs. LVPECL interface levels.
47
CLK
Input
Pulldown
Non-inverting differential clock input.
48
nCLK
Input
Pullup/
Pulldown
Inverting differential clock input. VCC/2 default when left floating.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
50
k
Ω
RPULLDOWN Input Pulldown Resistor
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com