Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S024 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS853S024
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S024 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS853S024 Datasheet HTML 8Page - Integrated Device Technology ICS853S024 Datasheet HTML 9Page - Integrated Device Technology ICS853S024 Datasheet HTML 10Page - Integrated Device Technology ICS853S024 Datasheet HTML 11Page - Integrated Device Technology ICS853S024 Datasheet HTML 12Page - Integrated Device Technology ICS853S024 Datasheet HTML 13Page - Integrated Device Technology ICS853S024 Datasheet HTML 14Page - Integrated Device Technology ICS853S024 Datasheet HTML 15Page - Integrated Device Technology ICS853S024 Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ICS853S024
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
PRELIMINARY
LOW SKEW LVPECL FANOUT BUFFER
13
ICS853S024AY REV. A APRIL 30, 2008
Reliability Information
Table 6. θJA vs. Air Flow Table for a 64 Lead TQFP, E-Pad
Transistor Count
The transistor count for ICS853S024 is: 8336
θ
JA vs. Air Flow
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
32.5°C/W
26.6°C/W
25.1°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com