Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S024 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS853S024
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S024 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS853S024 Datasheet HTML 1Page - Integrated Device Technology ICS853S024 Datasheet HTML 2Page - Integrated Device Technology ICS853S024 Datasheet HTML 3Page - Integrated Device Technology ICS853S024 Datasheet HTML 4Page - Integrated Device Technology ICS853S024 Datasheet HTML 5Page - Integrated Device Technology ICS853S024 Datasheet HTML 6Page - Integrated Device Technology ICS853S024 Datasheet HTML 7Page - Integrated Device Technology ICS853S024 Datasheet HTML 8Page - Integrated Device Technology ICS853S024 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PRELIMINARY
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V
LVPECL FANOUT BUFFER
ICS853S024
LOW SKEW LVPECL FANOUT BUFFER
1
ICS853S024AY REV. A APRIL 30, 2008
General Description
The ICS853S024 is a low skew, 1-to-24
Differential-to-3.3V, 2.5V LVPECL Fanout Buffer and
a member of theHiPerClockS™ family of High
Performance Clock Solutions from IDT. The CLK,
nCLK pair can accept most standard differential
input levels. The ICS853S024 is characterized to operate from
either a 3.3V or a 2.5V power supply. Guaranteed output skew
characteristics make the ICS853S024 ideal for those clock
distribution applications demanding well defined performance and
repeatability.
Features
• Twenty four LVPECL outputs.
• One differential clock input pair
• Differential input clock (CLK, nCLK) can accept the following
signaling levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency: >1.5GHz
• Translates any single ended input signal to 3.3V/ 2.5V LVPECL
levels with resistor bias on nCLK input
• Output skew: 25ps (typical)
• t
R / tF: 180ps (typical)
• Additive phase jitter, RMS: 0.111ps (typical) @ 312.5MHz
• Full 3.3V or 2.5V supply voltage
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) packages.
.
HiPerClockS™
ICS
Q0:Q23
nQ0:nQ23
CLK
nCLK
Pulldown
Pullup
24
24
Pin Assignment
Block Diagram
VCC
VEE
Q0
Q1
nQ1
Q2
nQ2
nQ0
VCC
nQ3
Q3
Q4
nQ4
Q5
nQ5
VEE
nQ17
Q17
nQ16
CLK
Q16
nCLK
nQ15
Q15
VCC
nQ14
Q14
nQ13
Q13
nQ12
Q12
VCC
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
The Preliminary Information presented herein represents a product in pre-production. The noted characteristics are based on initial product characterization and/or qualification.
Integrated Device Technology, Incorporated (IDT) reserves the right to change any circuitry or specifications without notice.
ICS853S024
64-Lead TQFP, EPad
10mm x 10mm x 1mm
package body
Y Package
Top View


Similar Part No. - ICS853S024

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS853S024 RENESAS-ICS853S024 Datasheet
1,006Kb / 20P
Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
JULY 20, 2011
More results

Similar Description - ICS853S024

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. E SEPTEMBER 23, 2005
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. C MAY 24, 2005
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
REV. A NOVEMBER 28, 2005
logo
Integrated Device Techn...
853S004I IDT-853S004I Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
ICS853S004I IDT-ICS853S004I Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
ICS853S004I RENESAS-ICS853S004I Datasheet
474Kb / 21P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
May 27, 2017
ICS853S024 RENESAS-ICS853S024 Datasheet
1,006Kb / 20P
Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
JULY 20, 2011
ICS853S12I RENESAS-ICS853S12I Datasheet
475Kb / 18P
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
MAY 21, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com