Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S024 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS853S024
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S024 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS853S024 Datasheet HTML 1Page - Integrated Device Technology ICS853S024 Datasheet HTML 2Page - Integrated Device Technology ICS853S024 Datasheet HTML 3Page - Integrated Device Technology ICS853S024 Datasheet HTML 4Page - Integrated Device Technology ICS853S024 Datasheet HTML 5Page - Integrated Device Technology ICS853S024 Datasheet HTML 6Page - Integrated Device Technology ICS853S024 Datasheet HTML 7Page - Integrated Device Technology ICS853S024 Datasheet HTML 8Page - Integrated Device Technology ICS853S024 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ICS853S024
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
PRELIMINARY
LOW SKEW LVPECL FANOUT BUFFER
4
ICS853S024AY REV. A APRIL 30, 2008
Table 3D. LVPECL DC Characteristics, VCC = 2.5V ± 5%, TA = 0°C to 70°C
NOTE 1: Outputs terminated with 50
Ω to V
CC – 2V.
AC Electrical Characteristics
Table 4. AC Characteristics, VCC = 3.3V ± 5% or 2.5V ± 5%, TA = 0°C to 70°C
All parameters are measured at f
≤ 1GHz, unless otherwise noted.
Special thermal considerations may be required. See Applications Section.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Measured on Aeroflex PN9000.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65. Measured at the output differential cross points.
NOTE 5: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions at
the same temperature. Using the same type of inputs on each device, the outputs are measured at the differential cross points.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VCC – 1.4
VCC – 0.9
V
VOL
Output Low Voltage; NOTE 1
VCC – 2.0
VCC – 1.5
V
VSWING
Peak-to-Peak Output Voltage Swing
0.4
1.0
V
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
1.9
GHz
tPD
Propagation Delay; NOTE 1
600
ps
tjit(
φ)
Additive Phase Jitter, RMS;
NOTE 2
156.25 MHz,
Integration Range: 12kHz – 20MHz
0.149
ps
312.5 MHz,
Integration Range: 12kHz – 20MHz
0.111
ps
1GHz,
Integration Range: 12kHz – 20MHz
0.44
ps
tsk(o)
Output Skew; NOTE 3, 4
25
ps
tsk(pp)
Part-to-Part Skew; NOTE 4, 5
TBD
ps
tR / tF
Output Rise/Fall Time
20% to 80%
180
ps
odc
Output Duty Cycle
50
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com