Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4262 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4262
Description  5-V Low Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4262 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4262 Datasheet HTML 1Page - Infineon Technologies AG TLE4262 Datasheet HTML 2Page - Infineon Technologies AG TLE4262 Datasheet HTML 3Page - Infineon Technologies AG TLE4262 Datasheet HTML 4Page - Infineon Technologies AG TLE4262 Datasheet HTML 5Page - Infineon Technologies AG TLE4262 Datasheet HTML 6Page - Infineon Technologies AG TLE4262 Datasheet HTML 7Page - Infineon Technologies AG TLE4262 Datasheet HTML 8Page - Infineon Technologies AG TLE4262 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TLE 4262
Data Sheet
3
Rev. 2.8, 2008-05-19
Table 1
Pin Definitions and Functions
Pin
PG-DSO-14-
30
Pin
PG-DSO-20-
35
Symbol
Function
12
RO
Reset output; open-collector output
internally connected to the output via a
resistor of 30 k
Ω.
2, 8
3, 8, 12, 13,
18, 19
N.C.
Not connected
3 - 5,
10 - 12
4 - 7,
14 - 17
GND
Ground
69
D
Reset delay; connect capacitor to GND for
setting delay time
710
RADJ
Reset threshold; for setting the switching
threshold connect by a voltage divider from
output to ground. If this input is connected to
GND, reset is triggered at an output voltage
of 4.5 V.
911
Q
5-V output voltage; block to ground by
capacitor with
C
≥ 22 µF, ESR ≤ 3 Ω at
10 kHz.
13
20
I
Input voltage; block to ground directly at the
IC by a ceramic capacitor.
14
1
INH
Inhibit; TTL-compatible, low-active input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com