Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4262 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4262
Description  5-V Low Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4262 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4262 Datasheet HTML 6Page - Infineon Technologies AG TLE4262 Datasheet HTML 7Page - Infineon Technologies AG TLE4262 Datasheet HTML 8Page - Infineon Technologies AG TLE4262 Datasheet HTML 9Page - Infineon Technologies AG TLE4262 Datasheet HTML 10Page - Infineon Technologies AG TLE4262 Datasheet HTML 11Page - Infineon Technologies AG TLE4262 Datasheet HTML 12Page - Infineon Technologies AG TLE4262 Datasheet HTML 13Page - Infineon Technologies AG TLE4262 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
10
Rev. 2.8, 2008-05-19
TLE 4262
Charge Current versus
Temperature
Reset Switching Threshold
versus Temperature
Upper and Lower Timing Threshold
V
DU and VDRL versus Temperature
Current Consumption of Inhibit
versus Temperature Output Current
AED03090
-40
0
I
V = 13.5 V
2
4
6
8
10
12
14
16
µA
040
80
120
160
˚C
I
T
j
= 1.5 V
cd
V
D, c
I
D, c
AED01088
-40
040
80
120 ˚C 160
0
j
T
RADJ
V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
AED01087_4262
-40
0
I
V = 13.5 V
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
V
040
80
120
160
˚C
V
T
j
V
DRL
DU
V
AED03091
V
INH = 5 V
µA
INH
I
80
-40
4
2
0
6
8
40
0
10
12
14
16
160
˚C
120
T
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com