Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4262 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4262
Description  5-V Low Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4262 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4262 Datasheet HTML 2Page - Infineon Technologies AG TLE4262 Datasheet HTML 3Page - Infineon Technologies AG TLE4262 Datasheet HTML 4Page - Infineon Technologies AG TLE4262 Datasheet HTML 5Page - Infineon Technologies AG TLE4262 Datasheet HTML 6Page - Infineon Technologies AG TLE4262 Datasheet HTML 7Page - Infineon Technologies AG TLE4262 Datasheet HTML 8Page - Infineon Technologies AG TLE4262 Datasheet HTML 9Page - Infineon Technologies AG TLE4262 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
6
Rev. 2.8, 2008-05-19
TLE 4262
Table 3
Characteristics
V
I = 13.5 V; Tj = 25 °C; VINH > 3.5 V; (unless specified otherwise)
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.
Normal Operation
Output voltage
V
Q
4.90
5.00
5.10
V
5 mA
≤ I
Q ≤ 150 mA;
6 V
≤ V
I ≤ 28 V;
-40
°C ≤ T
j ≤ 125 °C
Output voltage
V
Q
4.90
5.00
5.10
V
6 V
≤ V
I ≤ 32 V;
I
Q = 100 mA
T
j = 100 °C
Output current limiting
I
Q
200
250
–
mA
–
Current consumption;
I
q = Ii - IQ
I
q
I
q
I
q
I
q
–
–
–
–
0
0.9
10
15
50
1.3
18
23
µA
mA
mA
mA
V
INH = 0 V
I
Q = 0 mA
I
Q = 150 mA
I
Q = 150 mA; Vi = 4.5 V
Drop voltage
V
DR
–
0.350.50V
I
Q = 150 mA
1)
Load regulation
∆V
Q,lo
––25
mV
I
Q = 5 mA to 150 mA
Line regulation
∆V
Q,li
–325
mV
V
I = 6 V to 28 V;
I
Q = 150 mA
Power Supply Ripple
Rejection
PSRR
–54
–
dB
f
r = 100 Hz;
V
r = 0.5 Vpp
Reset Generator
Switching threshold
V
Q,rt
4.5
4.65
4.8
V
V
RADJ = 0 V
Reset adjust threshold
V
RADJ
1.26
1.35
1.44
V
V
Q > 3.5 V
Saturation voltage
V
RO
–
0.100.40V
I
RO = 1 mA
Saturation voltage
V
D,sat
–50
100
mV
V
Q < VRT
Charge current
I
D,c
610
15
µA–
Upper timing threshold
V
DU
1.4
1.8
2.2
V
–
Lower timing threshold
V
DRL
0.20
0.35
0.55
V
–
Reset delay time
t
rd
–17
–
ms
C
D = 100 nF
Reset reaction time
t
rr
–1.2
–
µs
C
D = 100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com